Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV339DTBR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # LMV339DTBR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV339DTBR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LMV339DTBR2G Datasheet HTML 2Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 3Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 4Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 5Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 6Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 7Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 8Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 9Page - ON Semiconductor LMV339DTBR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
6
TYPICAL CHARACTERISTICS
(VCC = 5.0 V, TA = 25°C, RL = 5 kW unless otherwise specified)
0
5
10
15
20
25
30
35
40
45
50
012
345
SUPPLY VOLTAGE (V)
Figure 3. LMV331Supply Current vs. Supply
Voltage (Output High)
25°C
−40°C
85°C
0
10
20
30
01
2
345
SUPPLY VOLTAGE (V)
Figure 4. LMV331Supply Current vs. Supply
Voltage (Output Low)
85°C
25°C
−40°C
0
20
40
60
80
100
120
140
160
180
012
3
4567
8
9
10
OUTPUT CURRENT (mA)
Figure 5. VSAT vs. Output Current at
VCC = 2.7 V
25°C
−40°C
85°C
0
100
200
300
400
500
600
010
20
30
40
50
OUTPUT CURRENT (mA)
Figure 6. VSAT vs. Output Current at
VCC = 5.0 V
85°C
25°C
−40°C


Similar Part No. - LMV339DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV339DTBR2G ONSEMI-LMV339DTBR2G Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV339DTBR2G ONSEMI-LMV339DTBR2G Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - LMV339DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com