Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324DTBR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # LMV324DTBR2G
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324DTBR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LMV324DTBR2G Datasheet HTML 5Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 6Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 7Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 8Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 9Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 10Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 11Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 12Page - ON Semiconductor LMV324DTBR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LMV321, LMV358, LMV324
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
0
10
20
30
40
50
60
70
80
90
100
110
0
12345
Figure 21. Source Current vs. Output Voltage
VS = 5.0 V
VOUT REFERENCED TO V+ (V)
Figure 22. Settling Time vs. Capacitive Load
Figure 23. Settling Time vs. Capacitive Load
Figure 24. Step Response − Small Signal
Non−Inverting (G = +1)
Figure 25. Step Response − Small Signal
Inverting (G = −1)
Figure 26. Step Response − Large Signal
Non−Inverting (G = +1)
RL = 2 kW
AV = 1
50 mV/div
2 ms/div
RL = 1 MW
AV = 1
50 mV/div
2 ms/div
50 mV/div
2 ms/div
Output
Input
50 mV/div
2 ms/div
Output
Input
1 V/div
2 ms/div
Output
Input


Similar Part No. - LMV324DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV324DTBR2G ONSEMI-LMV324DTBR2G Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
LMV324DTBR2G ONSEMI-LMV324DTBR2G Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results

Similar Description - LMV324DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
LMV821 ONSEMI-LMV821_15 Datasheet
462Kb / 13P
   Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
May, 2015 ??Rev. 3
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com