Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931SQ3T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # LMV931SQ3T2G
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV931SQ3T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LMV931SQ3T2G Datasheet HTML 7Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 8Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 9Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 10Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 11Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 12Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 13Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 14Page - ON Semiconductor LMV931SQ3T2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LMV931, LMV932
http://onsemi.com
11
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
−30
−10
10
30
50
70
90
110
Figure 9. Gain and Phase vs. Frequency
FREQUENCY (Hz)
CL = 0 pF
VS = 1.8 V
RL = 100 kW
TA = 25°C
Phase
Gain
−10
0
10
20
30
40
50
60
10k
100k
1M
10M
−30
−10
10
30
50
70
90
110
Figure 10. Gain and Phase vs. Frequency
FREQUENCY (Hz)
CL = 0 pF
VS = 5.0 V
RL = 100 kW
TA = 25°C


Similar Part No. - LMV931SQ3T2G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931SQ3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
   Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
August 2016 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com