Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1MAGR Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1MAGR
Description  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1MAGR Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1MAGR Datasheet HTML 96Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 97Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 98Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 99Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 100Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 101Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 102Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 103Page - Freescale Semiconductor, Inc PC912XDP512J1MAGR Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1348 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.21
100
Freescale Semiconductor
The following conditions apply when the PLL is in automatic bandwidth control mode (AUTO = 1):
The TRACK bit is a read-only indicator of the mode of the filter.
The TRACK bit is set when the VCO frequency is within a certain tolerance,
trk, and is clear when
the VCO frequency is out of a certain tolerance,
unt.
The LOCK bit is a read-only indicator of the locked state of the PLL.
The LOCK bit is set when the VCO frequency is within a certain tolerance,
Lock, and is cleared
when the VCO frequency is out of a certain tolerance,
unl.
Interrupt requests can occur if enabled (LOCKIE = 1) when the lock condition changes, toggling
the LOCK bit.
The PLL can also operate in manual mode (AUTO = 0). Manual mode is used by systems that do not
require an indicator of the lock condition for proper operation. Such systems typically operate well below
the maximum system frequency (fsys) and require fast start-up. The following conditions apply when in
manual mode:
ACQ is a writable control bit that controls the mode of the filter. Before turning on the PLL in
manual mode, the ACQ bit should be asserted to configure the filter in acquisition mode.
After turning on the PLL by setting the PLLON bit software must wait a given time (tacq) before
entering tracking mode (ACQ = 0).
After entering tracking mode software must wait a given time (tal) before selecting the PLLCLK
as the source for system and core clocks (PLLSEL = 1).
2.4.1.2
System Clocks Generator
Figure 2-17. System Clocks Generator
OSCILLATOR
PHASE
LOCK
LOOP
EXTAL
XTAL
SYSCLK
RTI
OSCCLK
PLLCLK
CLOCK PHASE
GENERATOR
BUS CLOCK
CLOCK
MONITOR
1
0
PLLSEL or SCM
÷2
CORE CLOCK
COP
OSCILLATOR
= CLOCK GATE
GATING
CONDITION
WAIT(RTIWAI),
STOP(PSTP,PRE),
RTI ENABLE
WAIT(COPWAI),
STOP(PSTP,PCE),
COP ENABLE
STOP
1
0
SCM
CLOCK
STOP


Similar Part No. - PC912XDP512J1MAGR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1MAGR FREESCALE-PC912XDP512J1MAGR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
More results

Similar Description - PC912XDP512J1MAGR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com