Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6370-01G-XTP Datasheet(PDF) 5 Page - ON Semiconductor

Part # FS6370-01G-XTP
Description  EEPROM Programmable 3-PLL Clock Generator IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370-01G-XTP Datasheet(HTML) 5 Page - ON Semiconductor

  FS6370-01G-XTP Datasheet HTML 1Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 2Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 3Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 4Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 5Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 6Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 7Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 8Page - ON Semiconductor FS6370-01G-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FS6370
3.3 Post Dividers
A post divider performs several useful functions. First, it allows the VCO to be operated in a narrower range of speeds compared to the
variety of output clock speeds that the device is required to generate. Second, it changes the basic PLL equation to:
where NP is the post divider modulus. The extra integer in the denominator permits more flexibility in the programming of the loop for
many applications where frequencies must be achieved exactly.
The modulus on two of the four post dividers (post dividers C and D in Figure 2) can be altered without reprogramming by a logic level
on the SEL_CD pin.
4.0 Device Operation
The FS6370 has two modes of operation:
• Program mode: during which either the EEPROM or the FS6370 control registers can be programmed directly with the desired PLL
settings
• Run mode: where the PLL settings stored the EEPROM are transferred to the FS6370 control registers on power-up, and the device
then operates based on those settings
Note that the EEPROM locations are not physically the same registers used to control the FS6370.
Direct access to either the EEPROM or the FS6370 control registers is achieved in program mode. The EEPROM register contents are
automatically transferred to the FS6370 control registers in normal device operation (run mode).
4.1 MODE Pin
The MODE pin controls the mode of operation. A logic-low places the FS6370 in program mode. A logic-high puts the device in run
mode. A pull-up on this pin defaults the device into run mode.
Reprogramming of either the control registers or the EEPROM is permitted at any time if the MODE pin is a logic-low.
Note, however, that a logic-high state on the MODE pin is latched so that only one transfer of EEPROM data to the FS6370 control
registers can occur. If a second transfer of EEPROM data into the FS6370 is desired, power (VDD) must be removed and reapplied to
the device.
The MODE pin also controls the function of the PD/SCL and OE/SDA pins. In run mode, these two pins function as power-down (PD)
and output enable (OE) controls. In program mode, the pins function as the I2C interface for clock (SCL) and data (SDA).
4.2 SEL_CD Pin
The SEL_CD pin provides a way to alter the operation of PLL C, muxes C and D, and post dividers C and D without having to
reprogram the device. A logic-low on the SEL_CD pin selects the control bits with a "C1" or "D1" notation, per Table 3. A logic-high on
the SEL_CD pin selects the control bits with "C2" or "D2" notation, per Table 3.
Note that changing between two running frequencies using the SEL_CD pin may produce glitches in the output, especially if the post-
divider(s) is/are altered.
4.3 Oscillator Overdrive
For applications where an external reference clock is provided (and the crystal oscillator is not required), the reference clock should be
connected to XOUT and XIN must be left unconnected (float).
Rev. 3 | Page 5 of 28 | www.onsemi.com


Similar Part No. - FS6370-01G-XTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
More results

Similar Description - FS6370-01G-XTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com