Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1MALR Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1MALR
Description  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1MALR Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1MALR Datasheet HTML 65Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 66Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 67Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 68Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 69Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 70Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 71Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC912XDP512J1MALR Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
69
The CAN modules may be configured to have their clock sources derived either from the bus clock or
directly from the oscillator clock. This allows the user to select its clock based on the required jitter
performance. Consult MSCAN block description for more details on the operation and configuration of
the CAN blocks.
In order to ensure the presence of the clock the MCU includes an on-chip clock monitor connected to the
output of the oscillator. The clock monitor can be configured to invoke the PLL self-clocking mode or to
generate a system reset if it is allowed to time out as a result of no oscillator clock being present.
In addition to the clock monitor, the MCU also provides a clock quality checker which performs a more
accurate check of the clock. The clock quality checker counts a predetermined number of clock edges
within a defined time window to insure that the clock is running. The checker can be invoked following
specific events such as on wake-up or clock monitor failure.
1.4
Chip Configuration Summary
CAUTION
Emulation single chip mode, Normal expanded mode, Emulation expanded
mode and ROMCTL/EROMCTL functionality is only available on parts
with external bus interface in 144 LQFP package. see Appendix E
Derivative Differences.
The MCU can operate in six different modes. The different modes, the state of ROMCTL and EROMCTL
signal on rising edge of RESET, and the security state of the MCU affects the following device
characteristics:
External bus interface configuration
Flash in memory map, or not
Debug features enabled or disabled
The operating mode out of reset is determined by the states of the MODC, MODB, and MODA signals
during reset (see Table 1-9). The MODC, MODB, and MODA bits in the MODE register show the current
operating mode and provide limited mode switching during operation. The states of the MODC, MODB,
and MODA signals are latched into these bits on the rising edge of RESET.
In normal expanded mode and in emulation modes the ROMON bit and the EROMON bit in the
MMCCTL1 register defines if the on chip flash memory is the memory map, or not. (See Table 1-9.) For
a detailed description of the ROMON and EROMON bits refer to the S12X_MMC section.
The state of the ROMCTL signal is latched into the ROMON bit in the MMCCTL1 register on the rising
edge of RESET. The state of the EROMCTL signal is latched into the EROMON bit in the MISC register
on the rising edge of RESET.
The MCU can operate in two different modes. The operating mode out of reset is determined by the state
of the MODC signal during reset. The MODC bit in the MODE register shows the current operating mode
and provide limited mode switching during operation. The state of the MODC signal is latched into this
bit on the rising edge of RESET.


Similar Part No. - PC912XDP512J1MALR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1MALR FREESCALE-PC912XDP512J1MALR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
More results

Similar Description - PC912XDP512J1MALR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com