Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6656AIS6-5
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-5 Datasheet(HTML) 3 Page - Linear Technology

  LT6656AIS6-5 Datasheet HTML 1Page - Linear Technology LT6656AIS6-5 Datasheet HTML 2Page - Linear Technology LT6656AIS6-5 Datasheet HTML 3Page - Linear Technology LT6656AIS6-5 Datasheet HTML 4Page - Linear Technology LT6656AIS6-5 Datasheet HTML 5Page - Linear Technology LT6656AIS6-5 Datasheet HTML 6Page - Linear Technology LT6656AIS6-5 Datasheet HTML 7Page - Linear Technology LT6656AIS6-5 Datasheet HTML 8Page - Linear Technology LT6656AIS6-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT6656

6656fa
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6656ACS6-4.096#PBF
LT6656ACS6-4.096#TRPBF
LTFNV
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-4.096#PBF
LT6656BCS6-4.096#TRPBF
LTFNV
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-4.096#PBF
LT6656AIS6-4.096#TRPBF
LTFNV
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-4.096#PBF
LT6656BIS6-4.096#TRPBF
LTFNV
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-5#PBF
LT6656ACS6-5#TRPBF
LTFNX
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-5#PBF
LT6656BCS6-5#TRPBF
LTFNX
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-5#PBF
LT6656AIS6-5#TRPBF
LTFNX
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-5#PBF
LT6656BIS6-5#TRPBF
LTFNX
6-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature and performance grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
available opTions
OUTPUT VOLTAGE
INITIAL ACCURACY
TEMPERATURE
COEFFICIENT
SPECIFIED TEMPERATURE RANGE
0°C to 70°C
–40°C to 85°C
ORDER PART NUMBER**
ORDER PART NUMBER**
1.250V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-1.25
LT6656BCS6-1.25
LT6656AIS6-1.25
LT6656BIS6-1.25
2.048V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-2.048
LT6656BCS6-2.048
LT6656AIS6-2.048
LT6656BIS6-2.048
2.500V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-2.5
LT6656BCS6-2.5
LT6656AIS6-2.5
LT6656BIS6-2.5
3.000V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-3
LT6656BCS6-3
LT6656AIS6-3
LT6656BIS6-3
3.300V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-3.3
LT6656BCS6-3.3
LT6656AIS6-3.3
LT6656BIS6-3.3
4.096V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-4.096
LT6656BCS6-4.096
LT6656AIS6-4.096
LT6656BIS6-4.096
5.000V
0.05%
0.1%
10ppm/°C
20ppm/°C
LT6656ACS6-5
LT6656BCS6-5
LT6656AIS6-5
LT6656BIS6-5
**See Order Information section for complete part number listing.


Similar Part No. - LT6656AIS6-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5 LINER-LT6656AIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5PBF LINER-LT6656AIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com