Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656BIS6-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6656BIS6-3
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BIS6-3 Datasheet(HTML) 4 Page - Linear Technology

  LT6656BIS6-3 Datasheet HTML 1Page - Linear Technology LT6656BIS6-3 Datasheet HTML 2Page - Linear Technology LT6656BIS6-3 Datasheet HTML 3Page - Linear Technology LT6656BIS6-3 Datasheet HTML 4Page - Linear Technology LT6656BIS6-3 Datasheet HTML 5Page - Linear Technology LT6656BIS6-3 Datasheet HTML 6Page - Linear Technology LT6656BIS6-3 Datasheet HTML 7Page - Linear Technology LT6656BIS6-3 Datasheet HTML 8Page - Linear Technology LT6656BIS6-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT6656

6656fa
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V (for LT6656-1.25, VIN = 2.2V), CL = 1μF, IL = 0,unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Error
LT6656A
LT6656B
–0.05
–0.10
0.05
0.10
%
%
Output Voltage Temperature Coefficient (Note 4)
LT6656A
LT6656B
l
l
5
12
10
20
ppm/°C
ppm/°C
Line Regulation
VIN = (VOUT + 0.5V) to 18V
LT6656-2.048, LT6656-2.5, LT6656-3,
LT6656-3.3, LT6656-4.096, LT6656-5
l
2
25
40
ppm/V
ppm/V
VIN = 2.2V to 18V
LT6656-1.25
l
2
25
40
ppm/V
ppm/V
Load Regulation (Note 5)
IL = 5mA, Sourcing
LT6656-2.048, LT6656-2.5, LT6656-3,
LT6656-3.3, LT6656-4.096, LT6656-5
l
65
150
375
ppm/mA
ppm/mA
IL = 5mA, Sourcing
LT6656-1.25
l
80
175
425
ppm/mA
ppm/mA
Dropout Voltage (Note 6)
VIN – VOUT, ∆VOUT Error ≤ 0.1%
IL = 0
LT6656-2.048, LT6656-2.5, LT6656-3,
LT6656-3.3, LT6656-4.096, LT6656-5
l
3
10
40
mV
mV
IL = 5mA, Sourcing
LT6656-2.048, LT6656-2.5, LT6656-3,
LT6656-3.3, LT6656-4.096, LT6656-5
l
250
370
500
mV
mV
Minimum Input Voltage
IL = 0, ∆VOUT Error ≤ 0.1%
LT6656-1.25
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1.35
1.5
1.6
1.8
V
V
V
Supply Current
l
0.85
1.0
1.5
µA
µA
Output Short Circuit Current
Short VOUT to GND
Short VOUT to VIN
18
4
mA
mA
Input Reverse Leakage Current
VIN = –18V, VOUT = GND
80
µA
Reverse Output Current
VIN = GND, VOUT = 18V
30
µA
Output Voltage Noise (Note 7)
0.1Hz to 10Hz
10Hz to 1kHz, LT6656-1.25
10Hz to 1kHz, LT6656-2.5
10Hz to 1kHz, LT6656-5
30
50
80
140
ppmP-P
µVRMS
µVRMS
µVRMS
Turn-On Time
LT6656-1.25, 0.1% Settling
LT6656-2.5, 0.1% Settling
LT6656-5, 0.1% Settling
15
30
60
ms
ms
ms
Long Term Drift of Output Voltage (Note 8)
50
ppm/√kHr
Hysteresis (Note 9)
∆T = 0°C to 70°C
∆T = –40°C to 85°C
25
70
ppm
ppm


Similar Part No. - LT6656BIS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BIS6-2.5 LINER-LT6656BIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5PBF LINER-LT6656BIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5TRPBF LINER-LT6656BIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BIS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com