Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1VAAR Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1VAAR
Description  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1VAAR Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1VAAR Datasheet HTML 54Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 55Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 56Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 57Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 58Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 59Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 60Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 61Page - Freescale Semiconductor, Inc PC912XDP512J1VAAR Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
58
Freescale Semiconductor
The XCLKS signal selects the oscillator configuration during reset low phase while a clock quality check
is ongoing. This is the case for:
Power on reset or low-voltage reset
Clock monitor reset
Any reset while in self-clock mode or full stop mode
The selected oscillator configuration is frozen with the rising edge of reset.
The pin can be configured to drive the internal system clock ECLKX2.
Figure 1-11. Loop Controlled Pierce Oscillator Connections (PE7 = 1)
Figure 1-12. Full Swing Pierce Oscillator Connections (PE7 = 0)
Figure 1-13. External Clock Connections (PE7 = 0)
1.2.3.17
PE6 / MODB / TAGHI — Port E I/O Pin 6
PE6 is a general-purpose input or output pin. It is used as a MCU operating mode select pin during reset.
The state of this pin is latched to the MODB bit at the rising edge of RESET. This pin is an input with a
MCU
EXTAL
XTAL
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
MCU
EXTAL
XTAL
RS
RB
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
MCU
EXTAL
XTAL
CMOS-Compatible
External Oscillator
Not Connected


Similar Part No. - PC912XDP512J1VAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
PC912XDP512J1VAAR FREESCALE-PC912XDP512J1VAAR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - PC912XDP512J1VAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com