Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA-210-DZ5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FCA-210-DZ5
Description  10 AMPERES, DPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-210-DZ5 Datasheet(HTML) 1 Page - Tyco Electronics

  FCA-210-DZ5 Datasheet HTML 1Page - Tyco Electronics FCA-210-DZ5 Datasheet HTML 2Page - Tyco Electronics FCA-210-DZ5 Datasheet HTML 3Page - Tyco Electronics FCA-210-DZ5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8
TYPE OF
LOAD
LIFE (MIN.)
CYCLES X 103
28 VDC
115VAC
400Hz
Resistive
Inductive
Motor
Lamp
10
8
4
2
10
8
4
2
* 60 Hz LOADS RATED FOR 10,000 OPERATIONS
Ratings Are Continuous Duty
CONTACT RATING-AMPERES
The Series FCA-210 relay is a polarized single-side stable design, where the flux from a permanent
magnet provides the armature holding force in the deactivated state, and its flux path is switched
and combined with the coil flux in the operated state. This results in appreciably increased contact
pressure in both states over that of a spring return nonpolar design. We also manufacture other
versions of this relay:
FCA-410: 10 AMPERE 4PDT RELAY
FCA-610: 10 AMPERE 6 PDT RELAY
q HERMETICALLY SEALED
q ALL WELDED CONSTRUCTION
q BALANCED FORCE
q PERMANENT MAGNET DRIVE
q CONTACTS: SILVER CADMIUM
OXIDE WITH GOLD PLATING
q COILS FOR DC, 50 TO 400Hz AND 400Hz AC
q WEIGHT 1.6 OUNCES MAX. (45.4 GRAMS)
FCA-210
10 AMPERES, DPDT
SERIES
100
20
100
100
115/200VAC 30
400 Hz
60Hz *
10
8
4
2
2.5
2.5
2.0
1
FCA-215: 15 AMPERE DPDT RELAY, HAS THE SAME SPECIFICATIONS AS THE FCA-210
EXCEPT IS RATED AT 15 AMPS.
AVAILABLE
OVERLOAD CURRENT 40 AMPS DC, 60AMPS 400Hz
RUPTURE CURRENT 50 AMPS DC, 80 AMPS 400Hz
CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE
MAX. CONTACT DROP AT 10 AMPS: INITIAL 0.100 VOLTS.
END OF LIFE 0.125 VOLTS
Tyco Electronics Mid-Range Military/Aerospace Relays
QPL APPROVED
Qualified
to M
IL-R-83536


Similar Part No. - FCA-210-DZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-210-0917M MACOM-FCA-210-0917M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
FCA-210-0923M ETC2-FCA-210-0923M Datasheet
44Kb / 1P
   ENGINEERING DATA SHEET
logo
Tyco Electronics
FCA-210-0926M MACOM-FCA-210-0926M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1022M MACOM-FCA-210-1022M Datasheet
48Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1024M MACOM-FCA-210-1024M Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - FCA-210-DZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
Custom MMIC Design Serv...
CMD272P3 MMIC-CMD272P3 Datasheet
251Kb / 8P
   DC-10 GHz DPDT Transfer Switch
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com