Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512F0CAAR Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CAAR
Description  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CAAR Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CAAR Datasheet HTML 60Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 61Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 62Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 63Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 64Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 65Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 66Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 67Page - Freescale Semiconductor, Inc PC912XDP512F0CAAR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
64
Freescale Semiconductor
be configured as master output (during master mode) or slave input pin (during slave mode) MOSI of the
serial peripheral interface 2 (SPI2).
1.2.3.55
PP4 / KWP4 / PWM4 / MISO2 — Port P I/O Pin 4
PP4 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 4 output. It can
be configured as master input (during master mode) or slave output (during slave mode) pin MISO of the
serial peripheral interface 2 (SPI2).
1.2.3.56
PP3 / KWP3 / PWM3 / SS1 — Port P I/O Pin 3
PP3 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 3 output. It can
be configured as slave select pin SS of the serial peripheral interface 1 (SPI1).
1.2.3.57
PP2 / KWP2 / PWM2 / SCK1 — Port P I/O Pin 2
PP2 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 2 output. It can
be configured as serial clock pin SCK of the serial peripheral interface 1 (SPI1).
1.2.3.58
PP1 / KWP1 / PWM1 / MOSI1 — Port P I/O Pin 1
PP1 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 1 output. It can
be configured as master output (during master mode) or slave input pin (during slave mode) MOSI of the
serial peripheral interface 1 (SPI1).
1.2.3.59
PP0 / KWP0 / PWM0 / MISO1 — Port P I/O Pin 0
PP0 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit stop or wait mode. It can be configured as pulse width modulator (PWM) channel 0 output. It can
be configured as master input (during master mode) or slave output (during slave mode) pin MISO of the
serial peripheral interface 1 (SPI1).
1.2.3.60
PS7 / SS0 — Port S I/O Pin 7
PS7 is a general-purpose input or output pin. It can be configured as the slave select pin SS of the serial
peripheral interface 0 (SPI0).
1.2.3.61
PS6 / SCK0 — Port S I/O Pin 6
PS6 is a general-purpose input or output pin. It can be configured as the serial clock pin SCK of the serial
peripheral interface 0 (SPI0).


Similar Part No. - PC912XDP512F0CAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
PC912XDP512F0CAAR FREESCALE-PC912XDP512F0CAAR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - PC912XDP512F0CAAR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com