Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA-210-CZ5 Datasheet(PDF) 4 Page - Tyco Electronics

Part # FCA-210-CZ5
Description  10 AMPERES, DPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-210-CZ5 Datasheet(HTML) 4 Page - Tyco Electronics

  FCA-210-CZ5 Datasheet HTML 1Page - Tyco Electronics FCA-210-CZ5 Datasheet HTML 2Page - Tyco Electronics FCA-210-CZ5 Datasheet HTML 3Page - Tyco Electronics FCA-210-CZ5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11
HOW TO ORDER
(EXAMPLE)
RELAY TYPE
TERMINALS (Socket Pins, DC Coil)
ENCLOSURE (With Flanges)
COIL (28 VDC With Transient Suppression).
NOTE: Only DC coil models are QPL Approved
NOTE: Polarity must be observed with DC coil supply.
Relay is polarized with a permanent magnet and will not
operate or be damaged by reverse polarity.
Diodes used in transient suppression and in AC rectifier
circuits have peak inverse voltage rating of 600 VDC
minimum. Zener diodes have a minimum rating of 1 watt.
Terminal designations are for reference only and do not
appear on the header.
A2
A3
A1
.200
(5.08)
.100
(2.54)
.200
(5.08)
TERMINAL WIRING
DC COILS WITH
TRANSIENT SUPPRESSION
DC COILS
BLUE BEAD
+
2
1
X1
X2
-
+
POLARIZING
PIN
A
B
3
BLUE BEAD
2
1
X1
X2
POLARIZING
PIN
3
B
A
BLUE BEAD
2
1
X1
POLARIZING
PIN
B
A
3
AC
BLUE BEAD
+
2
1
-
+
X1
X2
POLARIZING
PIN
A
B
3
AC COILS
115 VAC
AC COILS
28 VAC
AC
.600
(15.24)
.400
(10.16)
.100
(2.54)
.100
(2.54)
B
A
+X1
-X2
TERMINAL LAYOUT
X2
FCA-210-A Y 4
FCA-215-
FCA-210
10 AMPERES, DPDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Similar Part No. - FCA-210-CZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-210-0917M MACOM-FCA-210-0917M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
FCA-210-0923M ETC2-FCA-210-0923M Datasheet
44Kb / 1P
   ENGINEERING DATA SHEET
logo
Tyco Electronics
FCA-210-0926M MACOM-FCA-210-0926M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1022M MACOM-FCA-210-1022M Datasheet
48Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1024M MACOM-FCA-210-1024M Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - FCA-210-CZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
Custom MMIC Design Serv...
CMD272P3 MMIC-CMD272P3 Datasheet
251Kb / 8P
   DC-10 GHz DPDT Transfer Switch
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com