Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-40-9502 Datasheet(PDF) 4 Page - CW Industries

Part # CA-40-9502
Description  Card Edge Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CA-40-9502 Datasheet(HTML) 4 Page - CW Industries

  CA-40-9502 Datasheet HTML 1Page - CW Industries CA-40-9502 Datasheet HTML 2Page - CW Industries CA-40-9502 Datasheet HTML 3Page - CW Industries CA-40-9502 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
• Contacts: phosphor bronze standard.
• Contact Plating: 30µ in. gold (in mating area) over 50µ in.
nickel, standard; 10µ in. gold (in mating area) over 50µ in.
nickel, optional; 50µ in. gold (in mating area) over 50µ in.
nickel, optional; 100µ in. tin-lead optional
• Insulator Material: UL 94V-0 flame - retardant
thermoplastic
• Color: blue
• Operating temperature: -55º to +125ºC
• Current Rating: 1A(maximum) per contact
• Dielectric Withstand Voltage: greater than 500 Vdc at sea
level
• Insulation Resistance: greater than 5 x 109 ohms
• Cover pull-off force 8 oz/contact min. (force along
contacts’ primary axes)
How to Or der Car d Edge Connector s
Specifications and Or der ing Infor mation
Specifications
CWR-XXX-XX-00XX
Type of Connector
170=Card edge connector without
mounting ears
171=Card edge connector with
mounting ears
Plating
0021=30µ in. gold (in mating area)
over 50µ in. nickel (standard)
0000=10µ in. gold (in mating area)
over 50µ in. nickel
0055=50µ in. gold (in mating area)
over 50µ in. nickel
0003=100µ in. tin-lead
Number of Contacts
(10, 20, 26, 34, 40, or 50)
How to Or der Car d Edge Cable Assemblies
Cable assemblies with two card edge connectors on a prescribed length of color-coded cable are available
with the connectors oriented per drawing 27-1. (#1 contacts oriented to brown conductor.)
For other lengths, orientations, numbers or combinations of connectors,contact your local value - added
distributor.
Number of Conductors
(10, 20, 26, 34, 40, 50)
DRAWING 27-1
L
Type of Connector
4=card edge connectors without
mounting ears. CWR-170-XX-0021
(See drawing 27-1)
5=card edge connectors with
mounting ears CWR-171-XX-0021
(See drawing 27-1)
Final assembly length “L”
1=3”+1/8”
2=6”+1/8”
3=12”+1/4”
4=24”+1/4”
5=48”+1/4”
CA-XX-9X0X


Similar Part No. - CA-40-9502

ManufacturerPart #DatasheetDescription
logo
CW Industries
CA-40-9101 CWIND-CA-40-9101 Datasheet
265Kb / 4P
   DIP Connectors
CA-40-9102 CWIND-CA-40-9102 Datasheet
265Kb / 4P
   DIP Connectors
CA-40-9103 CWIND-CA-40-9103 Datasheet
265Kb / 4P
   DIP Connectors
CA-40-9104 CWIND-CA-40-9104 Datasheet
265Kb / 4P
   DIP Connectors
CA-40-9105 CWIND-CA-40-9105 Datasheet
265Kb / 4P
   DIP Connectors
More results

Similar Description - CA-40-9502

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com