Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI307A Datasheet(PDF) 10 Page - ON Semiconductor

Part # CSPEMI307A
Description  4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI307A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CSPEMI307A Datasheet HTML 4Page - ON Semiconductor CSPEMI307A Datasheet HTML 5Page - ON Semiconductor CSPEMI307A Datasheet HTML 6Page - ON Semiconductor CSPEMI307A Datasheet HTML 7Page - ON Semiconductor CSPEMI307A Datasheet HTML 8Page - ON Semiconductor CSPEMI307A Datasheet HTML 9Page - ON Semiconductor CSPEMI307A Datasheet HTML 10Page - ON Semiconductor CSPEMI307A Datasheet HTML 11Page - ON Semiconductor CSPEMI307A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CSPEMI307A
Rev.
2 | Page 10 of 12 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50µm
Solder Ball Side Coplanarity
+20µm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 8. Recommended Non-Solder Mask Defined Pad Illustration
Figure 9. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CSPEMI307A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI307A CALMIRCO-CSPEMI307A Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
logo
California Micro Device...
CSPEMI307AG CALMIRCO-CSPEMI307AG Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
More results

Similar Description - CSPEMI307A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI307A CALMIRCO-CSPEMI307A Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CM1401-32CP ONSEMI-CM1401-32CP Datasheet
354Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
June 2010 Rev. 0
CM1401-03 ONSEMI-CM1401-03 Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
logo
California Micro Device...
CM1401-03 CALMIRCO-CM1401-03 Datasheet
505Kb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CM1421 CALMIRCO-CM1421 Datasheet
368Kb / 8P
   4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com