Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI201AGG Datasheet(PDF) 9 Page - ON Semiconductor

Part # CSPEMI201AGG
Description  2 Channel Headset Speaker EMI Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI201AGG Datasheet(HTML) 9 Page - ON Semiconductor

  CSPEMI201AGG Datasheet HTML 1Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 2Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 3Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 4Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 5Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 6Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 7Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 8Page - ON Semiconductor CSPEMI201AGG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CSPEMI201AG
Rev. 3 | Page 9 of 9 | www.onsemi.com
CSP Tape and Reel Specifications
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CSPEMI201AGG
1.41 X 0.93 X 0.606
1.52 X 1.07 X 0.72
8mm
178mm (7")
3500
4mm
4mm
++
+
Figure 5. Tape and Reel Mechanical Data
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any
products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising
out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical”
parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the
rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to
support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or
use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action
Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
N. American Technical Support: 800-282-9855
Toll Free USA/Canada
Europe, Middle East and Africa Technical
Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CSPEMI201AGG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201AG CALMIRCO-CSPEMI201AG Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
More results

Similar Description - CSPEMI201AGG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com