Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2030-A0TR Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM2030-A0TR
Description  HDMI Receiver Port Protection and Interface Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2030-A0TR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CM2030-A0TR Datasheet HTML 2Page - ON Semiconductor CM2030-A0TR Datasheet HTML 3Page - ON Semiconductor CM2030-A0TR Datasheet HTML 4Page - ON Semiconductor CM2030-A0TR Datasheet HTML 5Page - ON Semiconductor CM2030-A0TR Datasheet HTML 6Page - ON Semiconductor CM2030-A0TR Datasheet HTML 7Page - ON Semiconductor CM2030-A0TR Datasheet HTML 8Page - ON Semiconductor CM2030-A0TR Datasheet HTML 9Page - ON Semiconductor CM2030-A0TR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CM2030
Rev. 5 | Page 6 of 17 | www.onsemi.com
When I
2C devices are driving the external cable, an internal pulldown on DDC_XX_IN guarantees that the VOL
seen by the ASIC on DDC_XX_IN is equal to or lower than DDC_XX_OUT.
Multiport DDC Multiplexing
By switching LV_SUPPLY, the DDC/HPD blocks can be independently disabled by engaging their inherent
“backdrive” protection. This allows N:1 multiplexing of the low-speed HDMI signals without any additional FET
switches.
Consumer Electronics Control (CEC)
The Consumer Electronics Control (CEC) line is a high level command and control protocol, based on a single
wire multidrop open drain communication bus running at approximately 1kHz (See Figure 3). While the HDMI
link provides only a single point-to-point connection, up to ten (10) CEC devices may reside on the bus, and
they may be daisy chained out through other physical connectors including other HDMI ports or other dedicated
CEC links. The high level protocol of CEC can be implemented in a simple microcontroller or other interface with
any I/OD (input/open-drain) GPIO.
Figure 3. Typical µC I/OD Driver
To limit possible EMI and ringing in this potentially complex connection topology, the rise- and fall-time of this
line are limited by the specification. However, meeting the slew-rate limiting requirements with additional
discrete circuitry in this bi-directional block is not trivial without an additional RX/TX control line to limit the output
slew-rate without affecting the input sensing (See Figure 4).
Figure 4. Three-Pin External Buffer Control
Simple CMOS buffers cannot be used in this application since the load can vary so much (total pullup of 27kΩ to
less than 2kΩ, and up to 7.3nF total capacitance.) The CM2030 targets an output drive slew-rate of less than
100mV/ms regardless of static load for the CEC line. Additionally, the same internal circuitry will perform active
termination, thus reducing ringing and overshoot in entertainment systems connected to legacy or poorly
designed CEC nodes.
RX
TX
I/OD
GPIO
CEC
RX
TX
TX_EN
CEC
Slew Rate
Limited
3-State Buffer
X


Similar Part No. - CM2030-A0TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2030-A0TR CALMIRCO-CM2030-A0TR Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
More results

Similar Description - CM2030-A0TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com