Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR-142-20-0001 Datasheet(PDF) 4 Page - CW Industries

Part # CWR-142-20-0001
Description  PCB Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

CWR-142-20-0001 Datasheet(HTML) 4 Page - CW Industries

  CWR-142-20-0001 Datasheet HTML 1Page - CW Industries CWR-142-20-0001 Datasheet HTML 2Page - CW Industries CWR-142-20-0001 Datasheet HTML 3Page - CW Industries CWR-142-20-0001 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
37
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
Type of Connector
142 = A PCB connector without
strain relief for daisy chain
termination (standard)
140 = A PCB connector with
strain relief and cover lip
for cable end terminations
141 = A PCB connector without
strain relief and with cover
lip for cable end
terminations
143 = A PCB connector with
strain relief for daisy chain
termination
Plating
0003= 100µ in. tin-lead (standard)
0000= 10µ in. gold over 50µ in. nickel
0001= 30µ in. gold over 50µ in. nickel
0047= 50µ in. gold over 50µ in. nickel
0042= 100µ in. tin-lead
Mil-DTL-83503/23 approved
(CWR-142-10 through 50 only)
Number of contacts
(10, 20, 26, 34, 40, 50 or 60)
Number of conductors
(10, 20, 26, 30, 40, 50, or 60)
Final assembly length “L”
1=3”+1/8”
2=6”+1/8”
3=12”+1/4”
4=24”+1/4”
5=48”+1/4”
• Contacts: phosphor bronze standard
• Contact Plating: 100µ in. tin-lead, standard; 10µ in. gold
over 50µ in. nickel, optional; 30µ in. gold over 50µ in.
nickel, optional; 50µ in. gold over 50µ in. nickel, optional;
200µ in. tin-lead, optional
• Insulator Material: UL 94V-0 flame - retardant
thermoplastic
• Color: blue
• Operating temperature: -55ºC to +125ºC
• Current Rating: 1A (maximum) per contact
• Dielectric Withstand Voltage: greater than 500 Vdc at
sea level
• Insulation Resistance: greater than 5 x 109 ohms
• Cover pull-off force, without strain relief, 15 lb min.
(force along contacts’ primary axes)
Specifications and Or der ing Infor mation
Specifications
How to Or der PCB Connector s
CWR-XXX-XX-00XX
How to Or der PCB Cable Assemblies
Cable assemblies with two PCB Connectors, CWR-142-XX-0003, on a prescribed length of color-coded
cable are available with the connectors oriented per drawing 35-1. (#1 contacts oriented to brown conductor.)
For other lengths, orientations, numbers or combinations of connectors, contact the factory or your local
value-added distributor.
DRAWING 35-1
BROWN (No. 1 Cond.)
L
CA-XX-990X


Similar Part No. - CWR-142-20-0001

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-130-14-0000 CWIND-CWR-130-14-0000 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0001 CWIND-CWR-130-14-0001 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0002 CWIND-CWR-130-14-0002 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-14-0003 CWIND-CWR-130-14-0003 Datasheet
265Kb / 4P
   DIP Connectors
CWR-130-16-0000 CWIND-CWR-130-16-0000 Datasheet
265Kb / 4P
   DIP Connectors
More results

Similar Description - CWR-142-20-0001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
   PCB CONNECTORS
logo
Precid-Dip Durtal SA
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
   PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
   PCB CONNECTORS
861 PREDIP-861 Datasheet
119Kb / 3P
   PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
   PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-005-10-001101 PREDIP-801-87-005-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-012-10-001101 PREDIP-801-87-012-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com