Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2020-01TR Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM2020-01TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2020-01TR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CM2020-01TR Datasheet HTML 2Page - ON Semiconductor CM2020-01TR Datasheet HTML 3Page - ON Semiconductor CM2020-01TR Datasheet HTML 4Page - ON Semiconductor CM2020-01TR Datasheet HTML 5Page - ON Semiconductor CM2020-01TR Datasheet HTML 6Page - ON Semiconductor CM2020-01TR Datasheet HTML 7Page - ON Semiconductor CM2020-01TR Datasheet HTML 8Page - ON Semiconductor CM2020-01TR Datasheet HTML 9Page - ON Semiconductor CM2020-01TR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CM2020-01TR
Rev. 4 | Page 6 of 12 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I
CC5V
Operating Supply Current
5V_SUPPLY = 5.0V
110
130
µA
I
CCLV
Bias Supply Current
LV_SUPPLY = 3.3V
1
5
µA
V
DROP
5V_OUT Overcurrent Output
Drop
5V_SUPPLY= 5.0V,
I
OUT=55mA
65
100
mV
I
SC
5V_OUT Short Circuit Current
Limit
5V_SUPPLY= 5.0V,
5V_OUT = GND
90
135
175
mA
I
OFF
OFF state leakage current,
level shifting NFET
LV_SUPPLY=0V
0.1
5
µA
I
BACKDRIVE
Current conducted from
output pins to V_SUPPLY
rails when powered down
5V_SUPPLY < V
CH_OUT;
Signal pins: TMDS_D[2:0]+/–,
TMDS_CK+/–, CE_REMOTE_OUT,
DDC_DAT_OUT, DDC_CLK_OUT,
HOTPLUG_DET_OUT, 5V_OUT
Only
0.1
5
µA
I
BACKDRIVE, CEC
Current through
CE-REMOTE_OUT when
powered down
CE-REMOTE_IN = CE_SUPPLY <
CE_REMOTE_OUT
0.1
1
µA
V
ON
VOLTAGE drop across level
shifting NFET when ON
LV_SUPPLY = 2.5V, V
S = GND,
I
DS = 3mA
75
95
140
mV
V
F
Diode Forward Voltage
Top Diode
Bottom Diode
I
F = 8mA, TA = 25°C
0.6
0.6
0.85
0.85
0.95
0.95
V
V
V
ESD
ESD Withstand Voltage:
Contact discharge per
IEC 61000-
4-2 Standard
Pins 4, 7, 10, 13, 20, 21, 22, 23, 24,
27, 30, 33, 38;
Note 2
±8
kV
V
CL
Channel Clamp Voltage
Positive Transients
Negative Transients
T
A = 25°C, IPP = 1A, tP = 8/20µs;
Note 3
11.0
–2.0
V
V
R
DYN
Dynamic Resistance
Positive Transients
Negative Transients
T
A = 25°C, IPP = 1A, tP = 8/20µs;
Notes 3
1.2
0.9
I
LEAK
TMDS Channel Leakage
Current
T
A = 25°C
0.01
1
µA
C
IN, TMDS
TMDS Channel Input
Capacitance
5V_SUPPLY= 5.0V,
Measured at 1MHz,
V
BIAS=2.5V
0.9
1.2
pF


Similar Part No. - CM2020-01TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results

Similar Description - CM2020-01TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com