Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1690-04DE Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1690-04DE
Description  Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1690-04DE Datasheet(HTML) 1 Page - ON Semiconductor

  CM1690-04DE Datasheet HTML 1Page - ON Semiconductor CM1690-04DE Datasheet HTML 2Page - ON Semiconductor CM1690-04DE Datasheet HTML 3Page - ON Semiconductor CM1690-04DE Datasheet HTML 4Page - ON Semiconductor CM1690-04DE Datasheet HTML 5Page - ON Semiconductor CM1690-04DE Datasheet HTML 6Page - ON Semiconductor CM1690-04DE Datasheet HTML 7Page - ON Semiconductor CM1690-04DE Datasheet HTML 8Page - ON Semiconductor CM1690-04DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Praetorian® L-C LCD and Camera
EMI Filter Array with ESD Protection
CM1690
©2010 SCILLC. All rights reserved.
Publication Order Number:
May 2010 – Rev. 2
CM1690/D
Features
Four, six and eight channels of EMI filtering with
integrated ESD protection
Pi-style EMI filters in a capacitor-inductor-
capacitor (C-L-C) network
±
15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±
30kV ESD protection on each channel (HBM)
Greater than -35dB attenuation (typical) at 1GHz
0.5mm thick uDFN package with 0.40mm lead
pitch:
• 4-channel = 8-lead uDFN
• 6-channel = 12-lead uDFN
• 8-channel = 16-lead uDFN
Tiny uDFN package size:
• 8-lead: 1.70mm x 1.35mm
• 12-lead: 2.50mm x 1.35mm
• 16-lead: 3.30mm x 1.35mm
Lead-free packaging
Applications
LCD and camera data lines in mobile handsets
Wireless handsets
LCD and camera modules
Product Description
The CM1690 is a family of pi-style EMI filter arrays
with ESD protection, which integrates four, six and
eight filters (C-L-C) in small form factor uDFN
0.40mm pitch packages. Each EMI filter channel of
the CM1690 is implemented as a 3-pole L-C filter
where the component values are 16pF-12nH-16pF.
The CM1690's roll-off frequency at –6dB attenuation
is 330MHz and can be used in applications where the
data rates are as high as 140Mbps while providing
greater than -35dB attenuation over the 1.0GHz to
3.0GHz frequency range. The parts include ESD
diodes on every pin, which provide a very high level
of protection for sensitive electronic components that
may be subjected to electrostatic discharge (ESD).
The ESD protection diodes connected to the filter
ports are designed and characterized to safely
dissipate
ESD
strikes
of
±
15kV,
beyond
the
maximum
requirement
of
the
IEC61000-4-2
international
standard.
Using
the
MIL-STD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the pins are protected for contact
discharges at greater than ±30kV.
This device is particularly well suited for wireless
handsets, mobile LCD modules and PDAs because
of its small package format and easy-to-use pin
assignments. In particular, the CM1690 is ideal for
EMI filtering and protecting data and control lines for
the LCD display and camera interface in mobile
handsets.
The CM1690 is available in space saving, ultra low
profile 8-, 12-, and 16-lead 0.40mm uDFN packages
with lead-free finishing.


Similar Part No. - CM1690-04DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1690-04DE CALMIRCO-CM1690-04DE Datasheet
150Kb / 7P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection in Ultra-Thin uDFN Packages
More results

Similar Description - CM1690-04DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1461 ONSEMI-CM1461 Datasheet
1Mb / 18P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1693-04DE ONSEMI-CM1693-04DE Datasheet
178Kb / 8P
   L-C LCD and Camera EMI Filter Array with ESD Protection
May, 2013 ??Rev. 3
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
   L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com