Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5602-21-0000-000 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5602-21-0000-000
Description  3M??Serial Advanced Technology Attachment (SATA) Signal Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5602-21-0000-000 Datasheet(HTML) 3 Page - 3M Electronics

  5602-21-0000-000 Datasheet HTML 1Page - 3M Electronics 5602-21-0000-000 Datasheet HTML 2Page - 3M Electronics 5602-21-0000-000 Datasheet HTML 3Page - 3M Electronics 5602-21-0000-000 Datasheet HTML 4Page - 3M Electronics 5602-21-0000-000 Datasheet HTML 5Page - 3M Electronics 5602-21-0000-000 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MSerial Advanced Technology Attachment (SATA) Signal Cable
Signal Cable, Straight, Right Angle and Combination
5602 Series
TS-2111-D
Sheet 3 of 3
Ordering Information
5602 - XX - 0000 - XXX
Straight to Straight
15.5
[.61]
X
5.5
[.22]
14
[5.51]
P1
P2
PIN 1
PIN 7
15.5
[.61]
Wire List
Pin. No.
P1
Wire Type
Signal
P2
No.
1
Drain
G
1
No.
2
Pair 1
A+
2
No.
3
Pair 1
A-
3
No.
4
Drain
G
4
Drain
No.
5
Pair 2
B-
5
No.
6
Pair 2
B+
6
No.
7
Drain
G
7
mm
(Inch)
±
.127
±
3 ± .25
Tolerance Unless Noted
.0
0.0
0.00
mm
[ ] Dimensions for
Reference only
Note: Wire list applies to all cable configurations.
* If other lengths are desired, please contact your local 3M sales representative.
Note: The only mixed connector-type configuration available is with P1 straight and P2 right
angle (5602-21-0000-XXX)
P1 Connector Type:
1 = Right Angle
2 = Straight
P2 Connector Type:
1 = Right Angle
2 = Straight
Length in mm:*
500 = 500 mm
000 = 1 m
(RIA E1 & C1 Apply)


Similar Part No. - 5602-21-0000-000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5602-RC BOURNS-5602-RC Datasheet
428Kb / 1P
   High Current Chokes
More results

Similar Description - 5602-21-0000-000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
P94019I TRIPPLITE-P94019I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 19-in
P940-39I TRIPPLITE-P940-39I Datasheet
483Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 39-in.
P940-12I TRIPPLITE-P940-12I Datasheet
157Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 12-in.
P94039I TRIPPLITE-P94039I Datasheet
480Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
P940-19I TRIPPLITE-P940-19I Datasheet
158Kb / 2P
   Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 19-in.
P942-24I TRIPPLITE-P942-24I Datasheet
161Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 24-in.
P941-12I TRIPPLITE-P941-12I Datasheet
161Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 12-in.
P942-19I TRIPPLITE-P942-19I Datasheet
160Kb / 2P
   Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 19-in.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com