Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44BC374T1 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part No. MC44BC374T1
Description  PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC44BC374T1 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MC44BC374T1 Technical Data
Modulator Operation
13.7 Test Pattern Generator
The IC generates a simple test pattern, which can be switched under bus control to permit a TV receiver to
easily tune to the modulator output. The pattern consists of two white vertical bars on a black background
and a 976Hz audio test signal.
13.8 PLL Section
The reference divider is a fixed divide-by-128, resulting in a reference frequency of 31.25 KHz with a
4.0 MHz crystal. The 31.25 KHz reference frequency is used for both UHF and Sound PLLs.
The prescaler is a fixed divide-by-8 and is permanently engaged.
The programmable divider division-ratio is controlled by the state of control bits N0 to N11.
The divider-ratio N for a desired frequency F (in MHz) is given by:
with:
13.9 UHF Oscillator — VHF range
The UHF oscillator is fully integrated and does not require any external components.
For low frequency testing or VHF range operation (test mode 1, states 1.b to 1.c), the UHF oscillator can
be internally divided by: 2, 4, 8, or 16.
13.10 Differences From MC44BC374C device
“OSC” bit programming is inverted
Start up channel is ‘71’ instead od ‘36’
Hardware standby mode is added
Logic Output Port is not available
“TB1” bit is not available (limited software compatibility with the MC44355 device)
Read Mode is not available
10
20
30
40
50
60
0
64
TE1
24
28
44
TIME IN µS.
7/10
3/10
TE2
N
F
8
---
128
4
---------
×
=
N
2048
N11
×
1024
N10
×…… 4 N2
×
2
N1
×
N0
++
+
+
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn