Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44BC374T1 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part No. MC44BC374T1
Description  PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC44BC374T1 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MC44BC374T1 Technical Data
Characterization Measurement Conditions
Video Differential Gain
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap and envelope detection, and
a Rohde & Schwarz UAF Video
Analyzer.
On line CCIR 330 shown below, the video analyzer DG measure consists
of calculating the difference of the Chroma amplitude at the black level
and the different amplitudes at each step of the greyscale. The largest
positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Modulation Depth
No Audio signal
Video: 10stepgreyscale
This is measured using a HP8596E Spectrum Analyzer with a TV Trigger
option, allowing demodulation and triggering on any specified TV Line.
The analyzer is centred on the maximum peak of the Video signal and
reduced to zero Hertz span in Linear mode to demodulate the Video
carrier.
The Modulation Depth is calculated as (A-B)/A x 100 in%
Picture to Sound ratio
No Video signal
No Audio Signal
“PS” bit set to 0 and 1
Measure in dBc sound carrier in reference to picture carrier (TVout_Ref)
for “PS” bit=0 (PS=12dB typical) and for “PS” bit=1 (PS=16dB),
Audio Modulation Depth - FM Modulation
Video Black Level
Audio signal: 1Khz, 205mVrms.
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G and
a HP8903A Audio Analyzer at 1kHz
The audio signal 205mV at 1kHz is supplied by the Audio Analyzer, and
the FM demodulated signal deviation is indicated on the Demodulator in
Khz peak.
This value is then converted in% of FM deviation, based on specified
standards.
Device and Signals Set-up
Measurement Set-up
0
1
2
3
4
5
5-step Greyscale with Chroma subcarrier superimposed
(not to scale), line CCIR 330.
DIFF GAIN
=* 100%
the amplitude at position 0
the largest positive or negative difference
A ( 6-10mV)
B (0.6 - 3mV)
TV Line Demodulated by Spectrum Analyzer-BG standard
A(mV)
B(mV)
Picture carrier
Sound carrier
+5.5Mhz
Fo
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn