Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44BC374T1 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part No. MC44BC374T1
Description  PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC44BC374T1 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MC44BC374T1 Technical Data
Characterization Measurement Conditions
Second Harmonics of Chroma subcarrier
No audio
Video: a 700mVpk-pk 100Khz sinusoidal
signal is inserted on the black level of
active video area.
Measure in dBc, in reference to picture carrier (TVout_Ref), second
harmonic of chroma at channel frequency plus 2 times chroma
frequency, resulting in the following spectrum
Chroma/Sound intermodulation
No audio signal
Video: 700mVpk-pk 100Khz sinusoidal
signal inserted on the black level of
active video area.This is generated using
a Rohde & Schwarz Video Generator
SAF and inserting the required frequency
from a RF Signal generator.
Measure in dBc, in reference to picture carrier (TVout_Ref),
intermodulation product at channel frequency plus the sound carrier
frequency (+5,5Mhz) minus the chroma frequency (-4,43Mhz), resulting
in the following spectrum.
Intermodulation product is at the channel frequency +1,07Mhz.
Picture Carrier Harmonics
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), second and
third harmonic of channel frequency, resulting in the following spectrum.
Device and Signals Set-up
Measurement Set-up
700mV pk-pk
Frequency
100kHz
Frequency
100Khz
700mVpkpk
Picture carrier
Sound
Chroma 2nd
+8.86Mhz
Fo
+4.43Mhz +5.5Mhz
Harmonic
carrier
Chroma
carrier
700mV pk-pk
Frequency
100kHz
Frequency
4.43Mhz
700mVpkpk
Picture carrier
Chroma/Sound
+1.07Mhz
Fo
Intermod.
Sound
+4.43Mhz +5.5Mhz
carrier
Chroma
carrier
Picture carrier
3rd harmonic
3Fo
Fo
2Fo
2nd harmonic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn