Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14LC5002 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC14LC5002
Description  72-Segment / 128-Segment LCD Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5002 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC14LC5002 Datasheet HTML 4Page - Motorola, Inc MC14LC5002 Datasheet HTML 5Page - Motorola, Inc MC14LC5002 Datasheet HTML 6Page - Motorola, Inc MC14LC5002 Datasheet HTML 7Page - Motorola, Inc MC14LC5002 Datasheet HTML 8Page - Motorola, Inc MC14LC5002 Datasheet HTML 9Page - Motorola, Inc MC14LC5002 Datasheet HTML 10Page - Motorola, Inc MC14LC5002 Datasheet HTML 11Page - Motorola, Inc MC14LC5002 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MOTOROLA
3–10
MC14LC5002 • MC14LC5003 • MC14LC5004
Figure 5. Frontplane Combinations
FP DATA
BITS
4321
0000
1000
0100
1100
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
VLCD
0 V
TIME FRAME
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
0010
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
1010
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
0110
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
FP DATA
BITS
4321
0001
1001
VLCD
0 V
VLCD
0 V
TIME FRAME
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
2/3 (VLCD)
1/3 (VLCD)
0101
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
1101
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
0011
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
1011
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
0111
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
1111
VLCD
0 V
2/3 (VLCD)
1/3 (VLCD)
1110
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
BP1
BP1


Similar Part No. - MC14LC5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results

Similar Description - MC14LC5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9796FS ROHM-BU9796FS Datasheet
273Kb / 12P
   LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com