Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA1281-16AU Datasheet(PDF) 25 Page - ATMEL Corporation

Part No. ATMEGA1281-16AU
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281-16AU Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA1281-16AU Datasheet HTML 21Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 22Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 23Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 24Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 25Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 26Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 27Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 28Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
17
2549LS–AVR–08/07
ATmega640/1280/1281/2560/2561
8.2
100C1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
100C1, 100-ball, 9 x 9 x 1.2 mm Body, Ball Pitch 0.80 mm
Chip Array BGA Package (CBGA)
A
100C1
5/25/06
TOP VIEW
SIDE VIEW
BOTTOM VIEW
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
1.10
1.20
A1
0.30
0.35
0.40
D
8.90
9.00
9.10
E
8.90
9.00
9.10
D1
7.10
7.20
7.30
E1
7.10
7.20
7.30
Ø
b
0.35
0.40
0.45
e
0.80 TYP
Marked A1 Identifier
1
2
3
4
5
6
7
8
A
B
C
D
E
9
F
G
H
I
J
10
0.90 TYP
0.90 TYP
A1 Corner
0.12
Z
E
D
e
e
Øb
A
A1
E1
D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn