Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA1281-16AU Datasheet(PDF) 22 Page - ATMEL Corporation

Part No. ATMEGA1281-16AU
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281-16AU Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA1281-16AU Datasheet HTML 18Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 19Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 20Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 21Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 22Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 23Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 24Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 25Page - ATMEL Corporation ATMEGA1281-16AU Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
14
2549LS–AVR–08/07
ATmega640/1280/1281/2560/2561
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. See “Speed Grades” on page 372
3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
7.4
ATmega2561
Speed (MHz)(2)
Power Supply
Ordering Code
Package(1)(3)
Operation Range
8
1.8 - 5.5V
ATmega2561V-8AU
ATmega2561V-8MU
64A
64M2
Industrial
(
-40
°C to 85°C)
16
4.5 - 5.5V
ATmega2561-16AU
ATmega2561-16MU
64A
64M2
Industrial
(
-40
°C to 85°C)
Package Type
64A
64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M2
64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF)
100A
100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
100C1
100-ball, Chip Ball Grid Array (CBGA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn