Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1481 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1481
Description  2-Channel EMI Filter with ESD Protection for Headsets/Speakers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1481 Datasheet(HTML) 6 Page - ON Semiconductor

  CM1481 Datasheet HTML 1Page - ON Semiconductor CM1481 Datasheet HTML 2Page - ON Semiconductor CM1481 Datasheet HTML 3Page - ON Semiconductor CM1481 Datasheet HTML 4Page - ON Semiconductor CM1481 Datasheet HTML 5Page - ON Semiconductor CM1481 Datasheet HTML 6Page - ON Semiconductor CM1481 Datasheet HTML 7Page - ON Semiconductor CM1481 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CM1481
Rev. 2 | Page 6 of 8 | www.onsemi.com
Mechanical Details
TDFN-08 Mechanical Specifications, 0.5mm
The CM1481 is supplied in an 8-lead 0.5mm TDFN package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229 (Var. VCCD-3)
*
Leads
8
Millimeters
Inches
Dim.
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A3
0.20 REF
0.008 REF
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.90
2.00
2.10
0.075
0.079
0.083
D2
1.50
1.60
1.70
0.059
0.063
0.067
E
1.90
2.00
2.10
0.075
0.079
0.083
E2
0.80
0.90
1.00
0.031
0.035
0.039
e
0.50 BSC
0.020 BSC
K
0.25 REF
0.10 REF
L
0.20
0.30
0.40
0.008
0.012
0.016
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
*
This package is compliant with JEDEC standard MO-229,
variation VCCD-3 with exception of the D2 and E2 dimensions
as called out in the table above which are not specified in the
MO-229 standard.
Package Dimensions for 8-Lead, 0.5mm pitch
TDFN package


Similar Part No. - CM1481

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1481 CML-CM1481 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
   Non-Predictive Selcall Module
logo
Visual Communications C...
CM1481 VCC-CM1481 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
More results

Similar Description - CM1481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1682 ONSEMI-CM1682 Datasheet
266Kb / 8P
   2 Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
CM1683 ONSEMI-CM1683 Datasheet
164Kb / 8P
   Praetorian L-C EMI Filter with ESD Protectionfor Headsets/Speakers
May 2010 ??Rev. 2
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
logo
Vishay Siliconix
VEMI255A-HS3 VISHAY-VEMI255A-HS3 Datasheet
441Kb / 7P
   2-channel EMI Filter with ESD-Protection
Rev. 1.2, 15-Aug-05
logo
ON Semiconductor
CM1681 ONSEMI-CM1681 Datasheet
324Kb / 4P
   2 Channel EMI Filter with ESD Protection
April, 2011 ??Rev. 3
logo
Vishay Siliconix
VEMI256A-SD2 VISHAY-VEMI256A-SD2 Datasheet
140Kb / 6P
   2-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI255A-HS3 VISHAY-VEMI255A-HS3_V01 Datasheet
144Kb / 6P
   2-Channel EMI-Filter with ESD-Protection
12-Mar-12
VEMI255A-HS3 VISHAY-VEMI255A-HS3_09 Datasheet
142Kb / 6P
   2-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 14-Sep-09
logo
Sanyo Semicon Device
VF001S6 SANYO-VF001S6 Datasheet
256Kb / 3P
   2 Channel EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com