Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16-16MU Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATMEGA16-16MU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16-16MU Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATMEGA16-16MU Datasheet HTML 18Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 19Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 20Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 21Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 22Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 23Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 24Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 25Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
2466SS–AVR–05/09
ATmega16(L)
12. Various minor TWI corrections.
13. Added “Power Consumption” data in “Features” on page 1.
14. Added section “EEPROM Write During Power-down Sleep Mode” on page 22.
15. Added note about Differential Mode with Auto Triggering in “Prescaling and Conver-
sion Timing” on page 207.
16. Added updated “Packaging Information” on page 337.
Rev. 2466E-10/02
1.
Updated “DC Characteristics” on page 291.
Rev. 2466D-09/02
1.
Changed all Flash write/erase cycles from 1,000 to 10,000.
2.
Updated the following tables: Table 4 on page 26, Table 15 on page 38, Table 42 on
page 85, Table 45 on page 111, Table 46 on page 111, Table 59 on page 143, Table 67
on page 167, Table 90 on page 235, Table 102 on page 258, “DC Characteristics” on
page 291, Table 119 on page 293, Table 121 on page 295, and Table 122 on page 297.
3.
Updated “Errata” on page 340.
Rev. 2466C-03/02
1.
Updated typical EEPROM programming time, Table 1 on page 20.
2.
Updated typical start-up time in the following tables:
Table 3 on page 25, Table 5 on page 27, Table 6 on page 28, Table 8 on page 29, Table 9
on page 29, and Table 10 on page 29.
3.
Updated Table 17 on page 43 with typical WDT Time-out.
4.
Added Some Preliminary Test Limits and Characterization Data.
Removed some of the TBD's in the following tables and pages:
Table 15 on page 38, Table 16 on page 42, Table 116 on page 272 (table removed in docu-
ment review #D), “Electrical Characteristics” on page 291, Table 119 on page 293, Table
121 on page 295, and Table 122 on page 297.
5.
Updated TWI Chapter.
Added the note at the end of the “Bit Rate Generator Unit” on page 178.
6.
Corrected description of ADSC bit in “ADC Control and Status Register A – ADCSRA”
on page 219.
7.
Improved description on how to do a polarity check of the ADC doff results in “ADC
Conversion Result” on page 216.
8.
Added JTAG version number for rev. H in Table 87 on page 229.
9.
Added not regarding OCDEN Fuse below Table 105 on page 260.
10. Updated Programming Figures:


Similar Part No. - ATMEGA16-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16-16MU ATMEL-ATMEGA16-16MU Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega16-16MU ATMEL-ATmega16-16MU Datasheet
662Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega16-16MU ATMEL-ATmega16-16MU Datasheet
5Mb / 357P
   8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
More results

Similar Description - ATMEGA16-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com