Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16-16MU Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATMEGA16-16MU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16-16MU Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATMEGA16-16MU Datasheet HTML 14Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 15Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 16Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 17Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 18Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 19Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 20Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 21Page - ATMEL Corporation ATMEGA16-16MU Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
2466SS–AVR–05/09
ATmega16(L)
Problem Fix / Workaround
Always check that the asynchronous Timer/Counter register neither have the value 0xFF nor
0x00 before writing to the asynchronous Timer Control Register(TCCRx), asynchronous
Timer Counter Register(TCNTx), or asynchronous Output Compare Register(OCRx).
3.
IDCODE masks data from TDI input
The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are
replaced by all-ones during Update-DR.
Problem Fix / Workaround
If ATmega16 is the only device in the scan chain, the problem is not visible.
Select the Device ID Register of the ATmega16 by issuing the IDCODE instruction or
by entering the Test-Logic-Reset state of the TAP controller to read out the contents
of its Device ID Register and possibly data from succeeding devices of the scan
chain. Issue the BYPASS instruction to the ATmega16 while reading the Device ID
Registers of preceding devices of the boundary scan chain.
If the Device IDs of all devices in the boundary scan chain must be captured
simultaneously, the ATmega16 must be the fist device in the chain.
4.
Reading EEPROM by using ST or STS to set EERE bit triggers unexpected interrupt
request.
Reading EEPROM by using the ST or STS command to set the EERE bit in the EECR reg-
ister triggers an unexpected EEPROM interrupt request.
Problem Fix / Workaround
Always use OUT or SBI to set EERE in EECR.
ATmega16(L) Rev.
J
First Analog Comparator conversion may be delayed
Interrupts may be lost when writing the timer registers in the asynchronous timer
IDCODE masks data from TDI input
Reading EEPROM by using ST or STS to set EERE bit triggers unexpected interrupt request
1.
First Analog Comparator conversion may be delayed
If the device is powered by a slow rising V
CC, the first Analog Comparator conversion will
take longer than expected on some devices.
Problem Fix/Workaround
When the device has been powered or reset, disable then enable theAnalog Comparator
before the first conversion.
2.
Interrupts may be lost when writing the timer registers in the asynchronous timer
The interrupt will be lost if a timer register that is synchronized to the asynchronous timer
clock is written when the asynchronous Timer/Counter register(TCNTx) is 0x00.
Problem Fix / Workaround
Always check that the asynchronous Timer/Counter register neither have the value 0xFF nor
0x00 before writing to the asynchronous Timer Control Register(TCCRx), asynchronous
Timer Counter Register(TCNTx), or asynchronous Output Compare Register(OCRx).
3.
IDCODE masks data from TDI input
The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are
replaced by all-ones during Update-DR.


Similar Part No. - ATMEGA16-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16-16MU ATMEL-ATMEGA16-16MU Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega16-16MU ATMEL-ATmega16-16MU Datasheet
662Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega16-16MU ATMEL-ATmega16-16MU Datasheet
5Mb / 357P
   8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
More results

Similar Description - ATMEGA16-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com