Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA8L-8PU Datasheet(PDF) 15 Page - ATMEL Corporation

Part No. ATMEGA8L-8PU
Description  8-bit with 8K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8PU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATMEGA8L-8PU Datasheet HTML 11Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 12Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 13Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 14Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 15Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 16Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 17Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 18Page - ATMEL Corporation ATMEGA8L-8PU Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
2486XS–AVR–06/10
ATmega8(L)
28P3
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28P3, 28-lead (0.300"/7.62 mm Wide) Plastic Dual
Inline Package (PDIP)
B
28P3
09/28/01
PIN
1
E1
A1
B
REF
E
B1
C
L
SEATING PLANE
A
0º ~ 15º
D
e
eB
B2
(4 PLACES)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
4.5724
A1
0.508
D
34.544
34.798
Note 1
E
7.620
8.255
E1
7.112
7.493
Note 1
B
0.381
0.533
B1
1.143
1.397
B2
0.762
1.143
L
3.175
3.429
C
0.203
0.356
eB
10.160
e
2.540 TYP
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn