Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1457-04CP Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1457-04CP
Description  Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1457-04CP Datasheet(HTML) 6 Page - ON Semiconductor

  CM1457-04CP Datasheet HTML 1Page - ON Semiconductor CM1457-04CP Datasheet HTML 2Page - ON Semiconductor CM1457-04CP Datasheet HTML 3Page - ON Semiconductor CM1457-04CP Datasheet HTML 4Page - ON Semiconductor CM1457-04CP Datasheet HTML 5Page - ON Semiconductor CM1457-04CP Datasheet HTML 6Page - ON Semiconductor CM1457-04CP Datasheet HTML 7Page - ON Semiconductor CM1457-04CP Datasheet HTML 8Page - ON Semiconductor CM1457-04CP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CM1457
Rev. 4 | Page 6 of 9 | www.onsemi.com
CM1457-04CP Mechanical Specifications
The 10-bump CM1457-04CP package dimensions are shown below.
Package Specifications
Package
Custom CSP
Bumps
10
Millimeters
Inches
Dim
Min
Nom
Max
Min
Nom
Max
A1
1.627
1.672
1.717
0.0641
0.0658
0.0676
A2
1.008
1.053
1.098
0.0397
0.0415
0.0432
B1
0.395
0.400
0.405
0.0156
0.0157
0.0159
B2
0.195
0.200
0.205
0.0077
0.0079
0.0081
B3
0.342
0.347
0.352
0.0135
0.0137
0.0139
B4
0.342
0.347
0.352
0.0135
0.0137
0.0139
C1
0.186
0.236
0.286
0.0073
0.0093
0.0113
C2
0.130
0.180
0.230
0.0051
0.0071
0.0090
D1
0.545
0.615
0.685
0.0215
0.0242
0.0270
D2
0.378
0.419
0.460
0.0149
0.0165
0.0181
Controlling dimension: millimeters
Package Dimensions for CM1457-04CP Chip Scale
Package
CSP Tape and Reel Specifications
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1457-04CP
1.67 X 1.05 X 0.615
1.80 X 1.27 X 0.73
8mm
178mm (7")
3500
4mm
4mm


Similar Part No. - CM1457-04CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1457-04CP ONSEMI-CM1457-04CP Datasheet
191Kb / 7P
   8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
More results

Similar Description - CM1457-04CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1453-08CP ONSEMI-CM1453-08CP Datasheet
400Kb / 12P
   Praetorian 8-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1443-08CP ONSEMI-CM1443-08CP_11 Datasheet
478Kb / 10P
   8-Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com