Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1423-03CP Datasheet(PDF) 11 Page - ON Semiconductor

Part # CM1423-03CP
Description  Secure Digital (SD) Card EMI Filter Array with ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1423-03CP Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CM1423-03CP Datasheet HTML 6Page - ON Semiconductor CM1423-03CP Datasheet HTML 7Page - ON Semiconductor CM1423-03CP Datasheet HTML 8Page - ON Semiconductor CM1423-03CP Datasheet HTML 9Page - ON Semiconductor CM1423-03CP Datasheet HTML 10Page - ON Semiconductor CM1423-03CP Datasheet HTML 11Page - ON Semiconductor CM1423-03CP Datasheet HTML 12Page - ON Semiconductor CM1423-03CP Datasheet HTML 13Page - ON Semiconductor CM1423-03CP Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CM1423
Rev. 3 | Page 11 of 14 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
μm
Solder Ball Side Coplanarity
+20
μm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 5. Recommended Non-Solder Mask Defined Pad Illustration
Figure 6. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CM1423-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1423-03CP CALMIRCO-CM1423-03CP Datasheet
603Kb / 10P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
More results

Similar Description - CM1423-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1423 CALMIRCO-CM1423 Datasheet
603Kb / 10P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
logo
Semtech Corporation
ECLAMP2357NQ SEMTECH-ECLAMP2357NQ Datasheet
995Kb / 8P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357N SEMTECH-ECLAMP2357N Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com