Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW4XME1C1S Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW4XME1C1S
Description  Xeon 1 Power LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW4XME1C1S Datasheet(HTML) 1 Page - OptoSupply International

  OSW4XME1C1S Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
Xeon 1 Power LED
OSXXXME1C1S
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
Bollards / Security / Garden
Traffic signaling / Beacons
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Value
Item
Symbo
l
W/M/B/G
R
Unit
DC Forward Current
IF
400
400
mA
Pulse Forward Current*
IFP
500
500
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
1600
1200
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25℃)
VF (V)
IR(µA)
Φ
v(lm)*
λD(nm)*
2θ1/2(deg)
Min.
Typ.
Max.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=350mA
VR=5V
IF=350mA
OSW4XME1C1S
White
W
3.0
3.3
4.0
10
90
100
-
X=0.31, Y=0.33
120
OSM5XME1C1S
Warm White M
3.0
3.3
4.0
10
80
90
X=0.45, Y=0.41
120
OSB5XME1C1S
Blue
B
3.0
3.3
4.0
10
10
15
-
465
470
475
120
OSG5XME1C1S
Pure Green
G
3.0
3.3
4.0
10
65
75
-
520
525
530
120
OSR5XME1C1S
Red
R
2.0
2.5
3.0
10
40
50
-
620
625
630
120
Note: *1. Tolerance of chromaticity coordinates is ±10%
*2. Dominant wavelength tolerance: ±1nm
*3. Tolerance of luminous Flux is ±15%
LED & Application Technologies


Similar Part No. - OSW4XME1C1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
More results

Similar Description - OSW4XME1C1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXXXNE1E1S OPTOSUPPLY-OSXXXNE1E1S Datasheet
110Kb / 1P
   Xeon 1 Power LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
   Xeon 1 Power LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Red LED
OSY5XME1C1E OPTOSUPPLY-OSY5XME1C1E Datasheet
164Kb / 1P
   Xeon 1 Power Yellow LED
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
   Xeon 1 Power Red LED
OSW4XME1E1E_1110 OPTOSUPPLY-OSW4XME1E1E_1110 Datasheet
217Kb / 2P
   Xeon 1 Power PureWhite LED
OSPR3XR1-R5XME1C1E OPTOSUPPLY-OSPR3XR1-R5XME1C1E Datasheet
46Kb / 2P
   3PCS Xeon 1 Power LED
OSR5XNE1E1E_VER.C.2 OPTOSUPPLY-OSR5XNE1E1E_VER.C.2 Datasheet
138Kb / 2P
   xeon 1 power red led
OSB4XNE1E1E OPTOSUPPLY-OSB4XNE1E1E Datasheet
152Kb / 2P
   Xeon 1 Power Bllue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com