Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD350ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TD350ID Datasheet HTML 2Page - STMicroelectronics TD350ID Datasheet HTML 3Page - STMicroelectronics TD350ID Datasheet HTML 4Page - STMicroelectronics TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics TD350ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TD350
6/17
Doc ID 9525 Rev 6
4
Electrical characteristics
TA = -20 to 125 °C, VH=16 V, VL=-10 V (unless otherwise specified)
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
tonmin
Minimum pulse width
100
135
220
ns
Iinp
IN input current
1
μA
Voltage reference (1)
Vref
Voltage reference
T=25°C
Tmin<T<Tmax
4.85
4.77
5.00
5.15
5.22
V
V
Iref
Maximum output current
10
mA
Desaturation protection
Vdes
Desaturation threshold
6.5
7.2
7.9
V
Ides
Source current
250
μA
Fault output
tfault
Delay for fault detection
500
ns
VFL
FAULT low voltage
IFLsink=10mA
1
V
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage
T=25°C; ICLsink=500mA
Tmin<T<Tmax; ICLsink=500mA
VL+2.5
VL+3.0
V
V
Off delay
Vtdel
Voltage threshold
2.35
2.50
2.65
V
Rdel
Discharge resistor
I=1mA
500
Ω
Off levels
Iblvoff
LVOFF peak input current (sink)
LVOFF=12V
120
200
μA
Violv
Offset voltage
LVOFF=12V
-0.3
-0.15
0
V
Outputs
VOL1
Output low voltage at Iosink=20mA
VL+0.35
V
VOL2
Output low voltage at Iosink=200mA
T=25°C
Tmin<T<Tmax
VL+1.0
VL+1.5
V
V


Similar Part No. - TD350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD350IDT STMICROELECTRONICS-TD350IDT Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
More results

Similar Description - TD350ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com