Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD350 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD350
Description  Advanced IGBT/MOSFET driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD350_10 Datasheet HTML 5Page - STMicroelectronics TD350_10 Datasheet HTML 6Page - STMicroelectronics TD350_10 Datasheet HTML 7Page - STMicroelectronics TD350_10 Datasheet HTML 8Page - STMicroelectronics TD350_10 Datasheet HTML 9Page - STMicroelectronics TD350_10 Datasheet HTML 10Page - STMicroelectronics TD350_10 Datasheet HTML 11Page - STMicroelectronics TD350_10 Datasheet HTML 12Page - STMicroelectronics TD350_10 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TD350
Functional description
Doc ID 9525 Rev 6
9/17
5.6
Minimum ON time
In order to ensure the proper operation of the 2-level turn-off function, the input ON time
(Twin) must be greater than the Twinmin value:
Twinmin=Ta+2*Rdel*Coff
Rdel is the internal discharge resistor and Coff is the external timing capacitor.
Input signals smaller than Ta are ignored. Input signals larger than Twinmin are transmitted to
the output stage after the Ta delay with minimum width distortion (ΔTw=Twout-Twin).
For an input signal width Twin between Ta and Twinmin, the output width Twout is reduced
below Twin (pulse distortion) and the IGBT could be partially turned on. These input signals
should be avoided during normal operation.
5.7
Output
The output stage is able to sink 2.3 A and source 1.5 A typical at 25 °C (1.2 A/0.75 A
minimum over the full temperature range). Separated sink and source outputs allow
independent gate charge and discharge control without an extra external diode.
5.8
Fault status output
Fault output is used to signal a fault event (desaturation, UVLO) to a controller. The fault pin
is designed to drive an optocoupler.
5.9
Undervoltage protection
Undervoltage detection protects the application in the event of a low VH supply voltage
(during start-up or a fault situation). During undervoltage, the OUTH pin is open and the
OUTL pin is driven low (active pull-down for VH>2 V, passive pull-down for VH<2 V). Fault
output signals the undervoltage state and is reset only when undervoltage state disappears.
Figure 3.
Undervoltage protection
VH
OUT
2V
UVH
UVL
Vccmin
FAULT


Similar Part No. - TD350_10

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TD350A TOPSTEK-TD350A Datasheet
98Kb / 2P
   Topstek Current Transducers
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD350IDT STMICROELECTRONICS-TD350IDT Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
More results

Similar Description - TD350_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com