Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5400BL15B050 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5400BL15B050
Description  5400 MHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5400BL15B050 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5400BL15B050 Datasheet HTML 1Page - Johanson Technology Inc. 5400BL15B050 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5400 MHz Balun
P/N 5400BL15B050
Detail Specification: 07/21/03
Page 2 of 2
Typical Electrical Performance (T=25°C)
Insertion Loss
(dB)
Return Loss
(dB)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
4.6 4.8 5.0 5.2 5.4 5.6 5.8
4.4
6.0
-4
-3
-2
-1
-5
0
freq, GHz
4.6 4.8 5.0 5.2 5.4 5.6 5.8
4.4
6.0
-16
-14
-12
-10
-8
-18
-6
freq, GHz


Similar Part No. - 5400BL15B050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400BL15B050E JOHANSON-5400BL15B050E Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
More results

Similar Description - 5400BL15B050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400BL15B200 JOHANSON-5400BL15B200 Datasheet
140Kb / 2P
   5400 MHz Balun
2450DP15G5400 JOHANSON-2450DP15G5400 Datasheet
121Kb / 2P
   2450 / 5400 MHz Diplexer
2450DP15H5400 JOHANSON-2450DP15H5400 Datasheet
210Kb / 2P
   2450 / 5400 MHz Diplexer
5400BP39A0100 JOHANSON-5400BP39A0100 Datasheet
118Kb / 2P
   5400 MHz Band Pass Filter
2450DP15D5400 JOHANSON-2450DP15D5400 Datasheet
84Kb / 2P
   2450 / 5400 MHz Diplexer ( LPF / BPF)
0465BL15B100 JOHANSON-0465BL15B100 Datasheet
137Kb / 2P
   465 MHz Balun
0866BL15C200 JOHANSON-0866BL15C200 Datasheet
139Kb / 1P
   850 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
   900 MHz Balun
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
   900 MHz Balun
1550BL15A0075 JOHANSON-1550BL15A0075 Datasheet
310Kb / 2P
   1550 MHz Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com