Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5325BL15B050 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 5325BL15B050
Description  5.3 GHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5325BL15B050 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  5325BL15B050 Datasheet HTML 1Page - Johanson Technology Inc. 5325BL15B050 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LW
T
a
b
c
g
p
Inches
0.079 ± .004
0.049± .004
0.034 ± .004
0.012 ± .004
0.008 ± .004
0.012 + .004/-.008
0.014 ± .004
0.026 ±.002
mm
2.0 ± 0.1
1.25 ± 0.1
0.85 ± 0.1
0.30 ± 0.1
0.20 ± 0.1
0.30+0.1/-0.2
0.35 ± 0.1
0.65 ± 0.05
“High Frequency Ceramic Solutions”
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Input Power
Impedance
Operating Temperature Range
Reel Qty
3 Watts max
50 /50
-40 to +85°C
4,000
5.3 GHz Balun
P/N 5325BL15B050
Detail Specification: 01/08/03
Page 1 of 2
Terminal Configuration
1
Unbalanced Port
4
Balanced Port
2
GND or DC Feed
5
GND
3
Balanced Port
6
NC
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
Mechanical Dimensions
Part
Frequency
Impedance
Insertion
Return
Phase
Amplitude
Number
(MHz)
Unbal. / Bal.
Loss
Loss
Difference
Difference
5325BL15B050_
5150 - 5500
50/50
1.0 dB
9.5 dB
180°±10°
2.0 dB
Mounting Considerations
Units: mm
Mount devices with colored mark facing up.
* Line width should be designed to
provide 50
Ω impedance matching
characteristics.


Similar Part No. - 5325BL15B050

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
   RADIATION TOLERANT
53252 MICROPAC-53252 Datasheet
60Kb / 6P
   8-Pin Dual-In-Line Hermetic Package
logo
SICK AG
5325285 SICK-5325285 Datasheet
214Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
logo
Micropac Industries
53253 MICROPAC-53253 Datasheet
121Kb / 5P
   RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS
More results

Similar Description - 5325BL15B050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1850BL15B100 JOHANSON-1850BL15B100 Datasheet
115Kb / 2P
   1.85 GHz Balun
logo
Transcom, Inc.
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 8W Amplifier
logo
Johanson Technology Inc...
1450BL15A200 JOHANSON-1450BL15A200 Datasheet
130Kb / 2P
   1.45 GHz Balun
2450BL14B050 JOHANSON-2450BL14B050 Datasheet
71Kb / 2P
   2.45 GHz Balun
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
   2.45 GHz Balun
2450BL15B200 JOHANSON-2450BL15B200 Datasheet
102Kb / 2P
   2.45 GHz Balun
2450BL14C050 JOHANSON-2450BL14C050 Datasheet
134Kb / 2P
   2.45 GHz Balun
2450BL15B050 JOHANSON-2450BL15B050 Datasheet
102Kb / 2P
   2.45 GHz Balun
5400BL15K050 JOHANSON-5400BL15K050 Datasheet
97Kb / 2P
   5.4 GHz Balun
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
   5.3 - 5.9 GHz 2W Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com