Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OSR5RS5A31A Datasheet(PDF) 1 Page - OptoSupply International

Part No. OSR5RS5A31A
Description  5mm Round Flashing Super Red LED 1.8Hz 1/2 Duty Cycle
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOSUPPLY [OptoSupply International]
Homepage  http://www.optosupply.com
Logo 

OSR5RS5A31A Datasheet(HTML) 1 Page - OptoSupply International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d F
Flla
assh
hiin
ng
g S
Su
up
pe
er
r R
Re
ed
d L
LE
ED
D
1
1..8
8H
Hz
z 1
1//2
2 D
Du
utty
y C
Cy
yc
clle
e
OSR5RS5A31A
■Features
■Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
Flashing Type
Water Clear Type
■Applications
Toys
Games
Audio
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
5.0
0.5+0.1
2.54
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
Power Supply
Voltage
5
V
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbo
l
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
Vdd
IF=20mA
3.0
3.3
5.0
V
Oscillator Frequency*
Fled
IF=20mA
-
1.8
-
Hz
Duty Cycle
Duty
IF=20mA
-
1/2
-
-
Domi. Wavelength*
λD
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
2000
2500
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
*3 Tolerance of
Frequency is +20%
LED & Application Technologies


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn