Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAC7202MPV70 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
Download  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 79Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 80Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 81Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 82Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 83Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 84Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 85Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 86Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
5
— General purpose I/O functionality on pins when not used for SPI
Two Asynchronous Enhanced Serial Communications Interface features (eSCI)
— Standard Non return-to-Zero (NRZ) Mark/Space Format.
— Full-Duplex Operation.
— Software Selectable Word Length (8-bit or 9-bit words).
— 10/11 or 13/14 bit Break Character possible.
— 13-Bit Programmable Baud-Rate Modulus Counter.
— Separately Enabled Transmitter and Receiver.
— Separate receiver and transmitter CPU interrupt requests.
— Programmable transmitter output polarity.
— Two Receiver wake-up methods.
— Interrupt-driven operation with eight flags.
— Receiver framing error detection.
— Hardware Parity Checking.
— 1/16 bit time noise reduction.
— LIN Master mode state machine
– Supports generation of LIN message header.
– Detection and flagging of LIN errors.
— Two DMA request lines on each peripheral for receive and transmit data.
Inter IC Bus module features (IIC)
— Compatibility with I2C Bus standard.
— Two wire bi-directional serial bus for on board communications.
— Multimaster operation.
— Software-programmable for one of 256 different serial clock frequencies.
— Software-selectable acknowledge bit.
— Interrupt-driven byte-by-byte data transfer.
— Arbitration-lost interrupt with automatic mode switching from master to slave.
— Calling address identification interrupt.
— Start and stop signal generation/detection.
— Repeated START signal generation.
— Acknowledge bit generation/detection
— Bus-busy detection.
— Two DMA request lines to receive and transmit data
Oscillator
— Low power Amplitude Level Control (ALC) Oscillator.
— Selectable oscillator mode at powerup or after a loss of clock
Clock generation


Similar Part No. - PAC7202MPV70

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
   motion tracing ASIC
logo
Freescale Semiconductor...
PAC7101 FREESCALE-PAC7101 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
PAC7106 FREESCALE-PAC7106 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
PAC7111 FREESCALE-PAC7111 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
PAC7112 FREESCALE-PAC7112 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
More results

Similar Description - PAC7202MPV70

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100_0410 FREESCALE-MAC7100_0410 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7100 FREESCALE-MAC7100_04 Datasheet
112Kb / 16P
   Microcontroller Family Reference Manual
S9S12G128F0CLF FREESCALE-S9S12G128F0CLF Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
MC9S12XEQ512MAA FREESCALE-MC9S12XEQ512MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XET256MAA FREESCALE-MC9S12XET256MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAA FREESCALE-MC9S12XEG128MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAL FREESCALE-MC9S12XEG128MAL Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MKL04Z32VFK4 FREESCALE-MKL04Z32VFK4 Datasheet
5Mb / 658P
   KL04 Sub-Family Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com