Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5400AT18A1000 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 5400AT18A1000
Description  5.4 GHz Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5400AT18A1000 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  5400AT18A1000 Datasheet HTML 1Page - Johanson Technology Inc. 5400AT18A1000 Datasheet HTML 2Page - Johanson Technology Inc. 5400AT18A1000 Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5.4 GHz Antenna
P/N 5400AT18A1000
Detail Specification: 01/31/07
Page 1 of 3
General Specifications
Part Number
5400AT18A1000
Input Power
500mW max.
Frequency Range
4900 - 5900 Mhz
Impedance
50
Peak Gain
2.0 dBi typ. (XZ-V)
Operating Temperature
-40 to +85°C
Average Gain
-2.5 dBi typ. (XZ-V)
Reel Quanity
3,000
Return Loss
8.5 dB min.
No.
Function
Terminal Configuration
1
Feeding Point
2
NC
Mechanical Dimensions
In
mm
L
±±
W
±±
T
a
±±
Mounting Considerations
Mount these devices with brown mark facing up. Units: mm
Line width should be designed to provide 50
Ω impedance matching characteristics.
a) Without Matching Circuits
b) With Matching Circuits
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2007 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
0.008
0.126
3.20
0.20
1.30
0.020
0.012
0.063
0.051
1.60
+.004/-.008
0.008
0.20
0.50
0.30
+0.1/-0.2
1
2
L
W
a
T
*
2.6
4.2
1.6
1.9
0.4
*
2.6
4.2
1.6
1.9
0.4
6.8 pF
1.0 nH
2.2nH
0
0


Similar Part No. - 5400AT18A1000

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400AT18A1000E JOHANSON-5400AT18A1000E Datasheet
351Kb / 3P
   5.4 GHz Wideband Antenna
More results

Similar Description - 5400AT18A1000

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400AT18A1000E JOHANSON-5400AT18A1000E Datasheet
351Kb / 3P
   5.4 GHz Wideband Antenna
5400BL15K050 JOHANSON-5400BL15K050 Datasheet
97Kb / 2P
   5.4 GHz Balun
5400BL14B100 JOHANSON-5400BL14B100 Datasheet
142Kb / 2P
   5.4 GHz Balun
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050E JOHANSON-5425BP15A1050E Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
logo
HBH Microwave GmbH
HX5004 HBH-HX5004 Datasheet
21Kb / 1P
   5.4 - 5.9 GHz GaAs Double Balanced Mixer
logo
Johanson Technology Inc...
1905AT45A0050E JOHANSON-1905AT45A0050E Datasheet
154Kb / 3P
   1.905 GHz Antenna
1575AT47A0040 JOHANSON-1575AT47A0040 Datasheet
326Kb / 6P
   1.57 GHz Antenna
2450AT43D100 JOHANSON-2450AT43D100 Datasheet
299Kb / 4P
   2.45 GHz Antenna
1600AT45A0040 JOHANSON-1600AT45A0040 Datasheet
430Kb / 3P
   1.6 GHz Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com