Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A817C Datasheet(PDF) 2 Page - QT Optoelectronics

Part # H11A817C
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11A817C Datasheet(HTML) 2 Page - QT Optoelectronics

  H11A817C Datasheet HTML 1Page - QT Optoelectronics H11A817C Datasheet HTML 2Page - QT Optoelectronics H11A817C Datasheet HTML 3Page - QT Optoelectronics H11A817C Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
INPUT DIODE
Forward voltage
H11A817
VF
1.2
1.5
V
IF = 20 mA
H11AA814
VF
1.2
1.5
V
IF = ±20 mA
Reverse current
H11A817
IR
.001
10
µA
VR = 5 V
OUTPUT TRANSISTOR
Breakdown voltage
Collector to emitter
BVCEO
35
100
V
IC = 1 mA, IF = 0
Emitter to collector
BVECO
6
10
V
IE = 100 µA, IF = 0
Collector dark current
ICEO
.025
100
nA
VCE = 10 V, IF = 0
Capacitance
CCE
8
pF
VCE = 0 V, f = 1 MHz
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25° C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS (Applies to all unless indicated otherwise)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
DC current transfer ratio
H11AA814
CTR
20
300
%
IF = ±1 mA,VCE = 5V
H11AA814A
CTR
50
150
%
IF = ±1 mA,VCE = 5V
H11A817
CTR
50
600
%
IF = 5 mA,VCE = 5V
H11A817A
CTR
80
160
%
H11A817B
CTR
130
260
%
H11A817C
CTR
200
400
%
H11A817D
CTR
300
600
%
Saturation Voltage
VCE (SAT)
0.1
0.2
V
IF = (±)20 mA, IC = 1 mA
Rise time (non saturated)
tr
2.4
18
µs
IC = 2 mA, VCE = 2 V,
RL = 100
Fall time (non saturated)
tf
2.4
18
µs
IC = 2 mA, VCE = 2 V,
RL = 100
TRANSFER CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Steady-state isolation voltage VISO
5300
VRMS
1 Minute
Isolation resistance
RISO
10
11
VI-O = 500 VDC
Isolation capacitance
CISO
0.5
pF
VI-O = Ø, f = 1 MHz
ISOLATION CHARACTERISTICS


Similar Part No. - H11A817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A817C FAIRCHILD-H11A817C Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817C FAIRCHILD-H11A817C Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
H11A817C.300 FAIRCHILD-H11A817C.300 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817C.300W FAIRCHILD-H11A817C.300W Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A817C.3S FAIRCHILD-H11A817C.3S Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com