Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25160VP2I-T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT25160VP2I-T3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25160VP2I-T3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT25160VP2I-T3 Datasheet HTML 1Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 2Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 3Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 4Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 5Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 6Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 7Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 8Page - ON Semiconductor CAT25160VP2I-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 5
1
Publication Order Number:
CAT25080/D
CAT25080, CAT25160
8-Kb and 16-Kb SPI Serial
CMOS EEPROM
Description
The CAT25080/25160 are 8−Kb/16−Kb Serial CMOS EEPROM
devices internally organized as 1024x8/2048x8 bits. They feature a
32−byte page write buffer and support the Serial Peripheral Interface
(SPI) protocol. The device is enabled through a Chip Select (CS)
input. In addition, the required bus signals are a clock input (SCK),
data input (SI) and data output (SO) lines. The HOLD input may be
used to pause any serial communication with the CAT25080/25160
device. These devices feature software and hardware write protection,
including partial as well as full array protection.
Features
10 MHz SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
32−byte Page Write Buffer
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−lead PDIP, SOIC, TSSOP and 8−pad TDFN, UDFN Packages
These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAT25080
CAT25160
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATION
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
SCK
PDIP (L), SOIC (V), TSSOP (Y),
TDFN (VP2), UDFN (HU2)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
UDFN−8
HU2 SUFFIX
CASE 517AW
Hold Transmission Input
HOLD
Power Supply
VCC


Similar Part No. - CAT25160VP2I-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25160VP2I-GT3 CATALYST-CAT25160VP2I-GT3 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25160VP2I-GT3 ONSEMI-CAT25160VP2I-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160VP2I-GT3 ONSEMI-CAT25160VP2I-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
More results

Similar Description - CAT25160VP2I-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com