Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25010VI-T3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT25010VI-T3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25010VI-T3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT25010VI-T3 Datasheet HTML 5Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 6Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 7Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 8Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 9Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 10Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 11Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 12Page - ON Semiconductor CAT25010VI-T3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
9
Hold Operation
The HOLD input can be used to pause communication
between host and CAT25010/20/40. To pause, HOLD must
be taken low while SCK is low (Figure 11). During the hold
condition the device must remain selected (CS low). During
the pause, the data output pin (SO) is tri−stated (high
impedance) and SI transitions are ignored. To resume
communication, HOLD must be taken high while SCK is low.
Design Considerations
The CAT25010/20/40 devices incorporate Power−On
Reset (POR) circuitry which protects the internal logic
against powering up in the wrong state. The device will
power up into Standby mode after VCC exceeds the POR
trigger level and will power down into Reset mode when
VCC drops below the POR trigger level. This bi−directional
POR behavior protects the device against ‘brown−out’
failure following a temporary loss of power.
The CAT25010/20/40 device powers up in a write disable
state and in a low power standby mode. A WREN instruction
must be issued prior to any writes to the device.
After power up, the CS pin must be brought low to enter
a ready state and receive an instruction. After a successful
byte/page write or status register write, the device goes into
a write disable mode. The CS input must be set high after the
proper number of clock cycles to start the internal write
cycle. Access to the memory array during an internal write
cycle is ignored and programming is continued. Any invalid
op−code will be ignored and the serial output pin (SO) will
remain in the high impedance state.
Figure 11. HOLD Timing
SCK
SO
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
tLZ
CS
HOLD
tCD
tHD
tHD
tCD
tHZ


Similar Part No. - CAT25010VI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010VI-G ONSEMI-CAT25010VI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010VI-G ONSEMI-CAT25010VI-G Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25010VI-GT3 CATALYST-CAT25010VI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010VI-GT3 CATALYST-CAT25010VI-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results

Similar Description - CAT25010VI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com