Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT150169RWI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT150169RWI-GT3
Description  Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT150169RWI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT150169RWI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT150169RWI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT15008, CAT15016
Doc. No. MD-1125 Rev. B
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified.
Limits
Symbol Parameter
Min.
Typ.
Max.
Test Condition
Units
ICC
Supply Current
2
Read or Write at 10MHz, SO open
mA
12
25
VCC < 5.5V; VIN = VSS or VCC, CS
¯¯ = VCC
ISB
Standby Current
10
20
VCC < 3.6V; VIN = VSS or VCC, CS
¯¯ = VCC
μA
IL
I/O Pin Leakage
2
Pin at GND or VCC
μA
VIL
Input Low Voltage
-0.5
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
0.4
VCC ≥ 2.5V, IOL = 3.0mA
V
VOH
Output High Voltage
VCC - 0.8
VCC ≥ 2.5V, IOH = -1.6mA
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may
undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5V, 25°C
SO
EEPROM
SCK
SI
CS
WP
VCC
VOLTAGE
DETECTOR
RST or RST
VSS


Similar Part No. - CAT150169RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT150169RWI-GT3 CATALYST-CAT150169RWI-GT3 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT150169RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
logo
Catalyst Semiconductor
CAT15002 CATALYST-CAT15002 Datasheet
304Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com