Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT150161SWI-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT150161SWI-GT3
Description  Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT150161SWI-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT150161SWI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT15008, CAT15016
© 2008 SCILLC. All rights reserved.
5
Doc. No. MD-1125 Rev. B
Characteristics subject to change without notice
PIN DESCRIPTION
RESET/RESET
¯¯¯¯¯¯: Reset output is available in two
versions: CMOS Active Low (CAT150xx9) and CMOS
Active High (CAT150xx1). Both versions are push-pull
outputs for high efficiency.
SI: The serial data input pin accepts op-codes,
addresses and data. In SPI modes (0,0) and (1,1)
input data is latched on the rising edge of the SCK
clock input.
SO: The serial data output pin is used to transfer data
out of the device. In SPI modes (0,0) and (1,1) data is
shifted out on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT15008/16.
CS
¯¯ : The chip select input pin is used to enable/disable
the CAT15008/16. When CS
¯¯ is high, the SO output is
tri-stated (high impedance) and the device is in
Standby Mode (unless an internal write operation is in
progress). Every communication session between host
and CAT15008/16 must be preceded by a high to low
transition and concluded with a low to high transition of
the CS
¯¯ input.
WP
¯¯¯: The write protect input pin will allow all write
operations to the device when held high. When WP
¯¯¯
pin is tied low and the WPEN bit in the Status
Register (refer to Status Register description, later in
this Data Sheet) is set to “1”, writing to the Status
Register is disabled.
DEVICE OPERATION
The CAT15008/16 products combine the accurate
voltage monitoring capabilities of a standalone voltage
supervisor with the high quality and reliability of
standard EEPROMs from Catalyst Semiconductor.
RESET CONTROLLER DESCRIPTION
The reset signal is asserted LOW for the CAT150xx9
and HIGH for the CAT150xx1 when the power supply
voltage falls below the threshold trip voltage and
remains asserted for at least 140ms (tPURST) after the
power supply voltage has risen above the threshold.
Reset output timing is shown in Figure 1.
The CAT15008/16 devices protect µPs against brown-out
failure. Short duration VCC transients of 4µsec or less and
100mV amplitude typically do not generate a Reset pulse.
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
CAT150xx9
CAT150xx1
RPD
t
Figure 1. RESET Output Timing


Similar Part No. - CAT150161SWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT150161SWI-GT3 CATALYST-CAT150161SWI-GT3 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT150161SWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
logo
Catalyst Semiconductor
CAT15002 CATALYST-CAT15002 Datasheet
304Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com