Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11AA814 Datasheet(PDF) 3 Page - QT Optoelectronics

Part No. H11AA814
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11AA814 Datasheet(HTML) 3 Page - QT Optoelectronics

  H11AA814 Datasheet HTML 1Page - QT Optoelectronics H11AA814 Datasheet HTML 2Page - QT Optoelectronics H11AA814 Datasheet HTML 3Page - QT Optoelectronics H11AA814 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
TYPICAL CHARACTERISTICS
FIG. 2 - Normalized CTR vs. Ambient Temperature
FIG. 1 - Normalized CTR vs. Forward Current
FIG. 3 - V
CE (SAT) vs. Ambient Temperature
FIG. 4 - Forward Voltage vs. Forward Current
FORWARD CURRENT – I
F (mA)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
.14
.12
.1
.08
.06
.04
.02
0
-50
-25
0
25
50
75
100
125
I
F = 20 mA
I
C = 1 mA
AMBIENT TEMPERATURE (
° C)
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.1
0.2
0.5
1.0
2.0
5
10
20
50
100
FORWARD CURRENT – I
F (mA)
T = 100
° C
T = -55
° C
T = -25
° C
1.2
1
0.8
0.6
0.4
-50
-25
0
+25
+50
+75
+100
I
F = 5 mA
AMBIENT TEMPERATURE (
° C)
I
F = 10 mA


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn