Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11AA814 Datasheet(PDF) 2 Page - QT Optoelectronics

Part No. H11AA814
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11AA814 Datasheet(HTML) 2 Page - QT Optoelectronics

  H11AA814 Datasheet HTML 1Page - QT Optoelectronics H11AA814 Datasheet HTML 2Page - QT Optoelectronics H11AA814 Datasheet HTML 3Page - QT Optoelectronics H11AA814 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
INPUT DIODE
Forward voltage
H11A817
VF
1.2
1.5
V
IF = 20 mA
H11AA814
VF
1.2
1.5
V
IF = ±20 mA
Reverse current
H11A817
IR
.001
10
µA
VR = 5 V
OUTPUT TRANSISTOR
Breakdown voltage
Collector to emitter
BVCEO
35
100
V
IC = 1 mA, IF = 0
Emitter to collector
BVECO
6
10
V
IE = 100 µA, IF = 0
Collector dark current
ICEO
.025
100
nA
VCE = 10 V, IF = 0
Capacitance
CCE
8
pF
VCE = 0 V, f = 1 MHz
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25° C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS (Applies to all unless indicated otherwise)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
DC current transfer ratio
H11AA814
CTR
20
300
%
IF = ±1 mA,VCE = 5V
H11AA814A
CTR
50
150
%
IF = ±1 mA,VCE = 5V
H11A817
CTR
50
600
%
IF = 5 mA,VCE = 5V
H11A817A
CTR
80
160
%
H11A817B
CTR
130
260
%
H11A817C
CTR
200
400
%
H11A817D
CTR
300
600
%
Saturation Voltage
VCE (SAT)
0.1
0.2
V
IF = (±)20 mA, IC = 1 mA
Rise time (non saturated)
tr
2.4
18
µs
IC = 2 mA, VCE = 2 V,
RL = 100
Fall time (non saturated)
tf
2.4
18
µs
IC = 2 mA, VCE = 2 V,
RL = 100
TRANSFER CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Steady-state isolation voltage VISO
5300
VRMS
1 Minute
Isolation resistance
RISO
10
11
VI-O = 500 VDC
Isolation capacitance
CISO
0.5
pF
VI-O = Ø, f = 1 MHz
ISOLATION CHARACTERISTICS


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn