Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11AA814 Datasheet(PDF) 1 Page - QT Optoelectronics

Part No. H11AA814
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11AA814 Datasheet(HTML) 1 Page - QT Optoelectronics

  H11AA814 Datasheet HTML 1Page - QT Optoelectronics H11AA814 Datasheet HTML 2Page - QT Optoelectronics H11AA814 Datasheet HTML 3Page - QT Optoelectronics H11AA814 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PACKAGE DIMENSIONS
DESCRIPTION
The QT Optoelectronics H11AA814 Series consists
of two gallium arsenide infrared emitting diodes, con-
nected in inverse parallel, driving a single silicon
phototransistor in a 4-pin dual in-line package.
The H11A817 Series consists of a gallium arsenide
infrared emitting diode driving a silicon phototransis-
tor in a 4-pin dual in-line package.
s
Compact 4-pin package
s
Current transfer ratio in selected groups:
H11AA814:
20-300%
H11A817:
50-600%
H11AA814A: 50-150%
H11A817A:
80-160%
H11A817B:
130-260%
H11A817C: 200-400%
H11A817D: 300-600%
FEATURES
APPLICATIONS
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 SERIES
H11A817 SERIES
H11AA814 Series
s
AC line monitor
s
Unknown polarity DC sensor
s
Telephone line interface
H11A817 Series
s
Power supply regulators
s
Digital logic inputs
s
Microprocessor inputs
s
Industrial controls
TOTAL PACKAGE
OUTPUT TRANSISTOR
Storage temperature . . . . . . . . . . . . . . . . .-55° to 150° C
Power dissipation (25° C ambient) . . . . .150 mW
Operating temperature . . . . . . . . . . . . . . . -55° to 100° C
Derate linearly (above 25° C) . . . . . .2.0 mW/° C
Lead solder temperature . . . . . . . . . . . 260° C for 10 sec
VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . 200 mW
VECO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Continuous collector current . . . . . . . . . . 50 mA
INPUT DIODE
Power dissipation (25° C ambient) . . . . . . . . . . . .70 mW
Derate linearly (above 25° C) . . . . . . . . . . . .1.33 mW/° C
Continuous forward current . . . . . . . . . . . . . . . . . . 50 mA
Peak forward current (1 µs pulse, 300 pps) . . . . . . . . .1 A
Reverse voltage (H11A817) . . . . . . . . . . . . . . . . . . . . 5 V
ABSOLUTE MAXIMUM RATING
NOTE: ALL DIMENSIONS ARE IN INCHES (mm)
PACKAGE CODE T
.020 (.51) MIN
.100 (2.54) TYP
.200
(5.10)
MAX
.158 (4.01)
.144 (3.68)
0 to 15
°
.022 (.56)
.015 (.40)
.055 (1.40)
.047 (1.20)
.187 (4.75)
.175 (4.45)
.270 (6.86)
.248 (6.30)
.327
(8.30)
MAX
.300
(7.62)
MIN
.380
(9.64)
MAX
.012 (.30)
.007 (.20)
.154 (3.90)
.120 (3.05)
1
2
4
3
COLLECTOR
EMITTER
Equivalent Circuit (H11AA814)
1
2
4
3
ANODE
CATHODE
COLLECTOR
EMITTER
Equivalent Circuit (H11A817)
1
4
2
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn