Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11AA814 Datasheet(PDF) 4 Page - QT Optoelectronics

Part No. H11AA814
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

H11AA814 Datasheet(HTML) 4 Page - QT Optoelectronics

  H11AA814 Datasheet HTML 1Page - QT Optoelectronics H11AA814 Datasheet HTML 2Page - QT Optoelectronics H11AA814 Datasheet HTML 3Page - QT Optoelectronics H11AA814 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4–PIN PHOTOTRANSISTOR OPTOCOUPLERS
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 s France 33 01/43.99.25.12 s Germany 49 089/96.30.51 s United Kingdom 44 [0] 1296/39.44.99 s Asia/Pacific 603/735-2417
© 1996 QT Optoelectronics
QT-012-A
DS 104
TYPICAL CHARACTERISTICS
COLLECTOR–EMITTER VOLTAGE V
CE (V)
25
20
15
10
5
0
0
1
2
3
4
5
6
7
8
9
10
I
F = 20 mA
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA
10
1
10-1
10-2
10-3
10-4
10-5
10-6
0
25
50
75
100
125
AMBIENT TEMPERATURE (
° C)
VCE = 10 V
I
F = 5 mA
V
CC = 5 V
T
a = 25° C
1000
100
10
1
0.1
0.1
1
100
10
R-LOAD RESISTOR (k
Ω)
Toff
Ton
Tf
Tr
FIG. 5 - Collector Current vs. Collector-Emitter Voltage
FIG. 6 - Collector Leakage Current vs. Ambient Temperature
FIG. 7 - Switching Speed vs. Load Resistor (TYP)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn