Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555HV6I-G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT9555HV6I-G
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555HV6I-G Datasheet(HTML) 3 Page - ON Semiconductor

  CAT9555HV6I-G Datasheet HTML 1Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 2Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 3Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 4Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 5Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 6Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 7Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 8Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT9555
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VCC with Respect to Ground
-0.5 to +6.5
V
Voltage on Any Pin with Respect to Ground
-0.5 to +5.5
V
DC Current on I/O1.0 to I/O1.7, I/O0.0 to I/O0.7
±50
mA
DC Input Current
±20
mA
VCC Supply Current
160
mA
VSS Supply Current
200
mA
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Junction Temperature
+150
ºC
Storage Temperature
-65 to +150
ºC
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Units
VZAP
P
(2)
ESD Susceptibility
JEDEC Standard JESD 22
2000
Volts
ILTH
(2)
Latch-up
JEDEC JESD78A
100
mA
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) This parameter is tested initially and after a design or process change that affects the parameter.
© 2010 SCILLC. All rights reserved
3
Doc. No. MD-9003, Rev. J
Characteristics subject to change without notice


Similar Part No. - CAT9555HV6I-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555HV6I-G CATALYST-CAT9555HV6I-G Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555HV6I-G ONSEMI-CAT9555HV6I-G Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9555HV6I-G ONSEMI-CAT9555HV6I-G Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555HV6I-GT2 CATALYST-CAT9555HV6I-GT2 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555HV6I-GT2 ONSEMI-CAT9555HV6I-GT2 Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
More results

Similar Description - CAT9555HV6I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com